Selected language     English  ▼


LT1055 Datasheet(PDF) 6 Page - Linear Technology

Part No. LT1055
Description  Precision, High Speed, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

 6 page
background image
6
LT1055/LT1056
SUPPLY VOLTAGE (V)
0
4
6
±20
LT1055/56 G25
2
0
±5
±10
±15
8
TA = –55°C
TA = 125°C
TA = –55°C
TA = 125°C
LT1056
LT1055
25°C
25°C
LOAD RESISTANCE (k
Ω)
0.1
0.3
–15
–9
–12
–3
–6
3
0
9
6
13
10
LT1055/56 G26
15
12
TA = –25°C
TA = –125°C
TA = –55°C
TA = –55°C
TA = –25°C
TA = –125°C
VS = ±15V
TYPICAL PERFORMANCE CHARACTERISTICS
LT1055 Settling Time
SETTLING TIME (µS)
0
0
LT1055/56 G19
–5
–10
1
2
5
10
3
10mV
10mV
0.5mV
1mV
5mV
5mV 2mV
1mV 0.5mV
VS = ±15V
TA = 25°C
2mV
Power Supply Rejection Ratio vs
Frequency
FREQUENCY (Hz)
10
80
100
120
10k
1M
LT1055/56 G24
60
40
100
1k
100k
10M
20
0
140
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
Common-Mode Range vs
Temperature
TEMPERATURE (°C)
–50
–15
–14
–12
–11
±10
15
12
0
50
100
LT1055/56 G21
–13
13
14
11
VS = ±15V
SETTLING TIME (µS)
0
0
LT1055/56 G20
–5
–10
1
2
5
10
3
10mV
10mV
2mV
0.5mV
1mV
5mV
5mV
2mV
1mV
0.5mV
VS = ±15V
TA = 25°C
LT1056 Settling Time
TEMPERATURE (˚C)
110
120
25
75
LT1055/56 G22
100
–25
125
90
VS = ±10V TO ±17V FOR PSRR
VS = ±15V, VCM = ±10.5V FOR CMRR
CMRR
PSRR
Common-Mode and Power Supply
Rejections vs Temperature
Common-Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10
0
20
40
60
80
120
100
1k
10k
100k
LT1055/56 G23
1M
10M
100
VS = ±15V
TA = 25°C
Short-Circuit Current vs Time
TIME FROM OUTPUT SHORT TO GROUND
(MINUTES)
0
–50
–40
–20
–10
0
50
20
1
2
LT1055/56 G27
–30
30
40
10
3
TA = –55°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = 25°C
TA = –55°C
SINKING
VS = ±15V
Output Swing vs Load Resistance
Supply Current vs Supply Voltage




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
ADA4000-1Low Cost Precision JFET Input Operational Amplifier in TSOT 1 2 3 4 5 MoreAnalog Devices
CA3410Quad BiMOS Operational Amplifiers With MOSFET Input Bipolar Output 1 2 3 4 5 MoreHarris Corporation
AD8224Precision Dual-Channel JFET Input Rail-to-Rail Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
IS354HIGH DENSITY MOUNTING AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AD5744RComplete Quad 14-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD8143High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices
MP8830Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References 1 2 3 4 5 MoreExar Corporation
PS2505-1XHIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 ISOCOM COMPONENTS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl