Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN206CB Datasheet(PDF) 11 Page - Harris Corporation

Part # HIN206CB
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HIN206CB Datasheet(HTML) 11 Page - Harris Corporation

Back Button HIN206CB Datasheet HTML 6Page - Harris Corporation HIN206CB Datasheet HTML 7Page - Harris Corporation HIN206CB Datasheet HTML 8Page - Harris Corporation HIN206CB Datasheet HTML 9Page - Harris Corporation HIN206CB Datasheet HTML 10Page - Harris Corporation HIN206CB Datasheet HTML 11Page - Harris Corporation HIN206CB Datasheet HTML 12Page - Harris Corporation HIN206CB Datasheet HTML 13Page - Harris Corporation HIN206CB Datasheet HTML 14Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
8-13
Detailed Description
The HIN200 thru HIN213 family of RS-232 transmitters/receiv-
ers are powered by a single +5V power supply (except HIN201
and HIN209), feature low power consumption, and meet all ElA
RS232C and V.28 specifications. The circuit is divided into
three sections: the charge pump, transmitter, and receiver.
Charge Pump
An equivalent circuit of the charge pump is illustrated in
Figure 1. The charge pump contains two sections: the
voltage doubler and the voltage inverter. Each section is
driven by a two phase, internally generated clock to gener-
ate +10V and -10V. The nominal clock frequency is
125kHz. During phase one of the clock, capacitor C1 is
charged to VCC . During phase two, the voltage on C1 is
added to VCC, producing a signal across C3 equal to twice
VCC. During phase two, C2 is also charged to 2VCC, and
then during phase one, it is inverted with respect to ground
to produce a signal across C4 equal to -2VCC. The charge
pump accepts input voltages up to 5.5V. The output
impedance of the voltage doubler section (V+) is approxi-
mately 200
Ω, and the output impedance of the voltage
inverter section (V-) is approximately 450
Ω. A typical
application uses 0.1
µF capacitors for C1-C4, however, the
value is not critical. Increasing the values of C1 and C2 will
lower the output impedance of the voltage doubler and
inverter, increasing the values of the reservoir capacitors,
C3 and C4, lowers the ripple on the V+ and V- supplies.
During shutdown mode (HIN200, HIN206 and HIN211,
SD=VCC, HIN213, SD = 0V) the charge pump is turned off,
V+ is pulled down to VCC, V- is pulled up to GND, and the
supply current is reduced to less than 10
µA. The transmitter
outputs are disabled and the receiver outputs (except for
HIN213, R4 and R5) are placed in the high impedance state.
Transmitters
The transmitters are TTL/CMOS compatible inverters which
translate the inputs to RS-232 outputs. The input logic thresh-
old is about 26% of VCC, or 1.3V for VCC = 5V. A logic 1 at the
input results in a voltage of between -5V and V- at the output,
and a logic 0 results in a voltage between +5V and (V+ -0.6V).
Each transmitter input has an internal 400k
Ω pullup resistor
so any unused input can be left unconnected and its output
remains in its low state. The output voltage swing meets the
RS-232C specifications of
±5V minimum with the worst case
conditions of: all transmitters driving 3k
Ω minimum load
impedance, VCC = 4.5V, and maximum allowable operating
temperature. The transmitters have an internally limited output
slew rate which is less than 30V/
µs. The outputs are short cir-
cuit protected and can be shorted to ground indefinitely. The
powered down output impedance is a minimum of 300
Ω with
±2V applied to the outputs and VCC = 0V.
Receivers
The receiver inputs accept up to
±30V while presenting the
required 3k
Ω to 7kΩ input impedance even if the power is off
(VCC = 0V). The receivers have a typical input threshold of
1.3V which is within the
±3V limits, known as the transition
region, of the RS-232 specifications. The receiver output is
0V to VCC. The output will be low whenever the input is
greater than 2.4V and high whenever the input is floating or
driven between +0.8V and -30V. The receivers feature 0.5V
hysteresis (except during shutdown) to improve noise rejec-
tion. The receiver Enable line (EN, on HIN206, HIN209, and
HIN211, EN on HIN213) when unasserted, disables the
receiver outputs, placing them in the high impedance mode.
The receiver outputs are also placed in the high impedance
state when in shutdown mode (except HIN213 R4 and R5).
HIN213 Operation in Shutdown
The HIN213 features two receivers, R4 and R5, which
remain active in shutdown mode. During normal operation
the receivers propagation delay is typically 0.5
µs. This prop-
agation delay may increase slightly during shutdown. When
entering shut down mode, receivers R4 and R5 are not valid
for 80
µs after SD = VIL. When exiting shutdown mode, all
receiver outputs will be invalid until the charge pump circuitry
reaches normal operating voltage. This is typically less than
2ms when using 0.1
µF capacitors.
TOUT
V- < VTOUT < V+
300
400k
TXIN
GND < TXIN < VCC
V-
V+
VCC
FIGURE 2. TRANSMITTER
ROUT
GND < VROUT < VCC
5k
RXIN
-30V < RXIN < +30V
GND
VCC
FIGURE 3. RECEIVER
TIN
VOL
VOL
tPLH
tPHL
AVERAGE PROPAGATION DELAY =
tPHL + tPLH
2
OR
RIN
TOUT
OR
ROUT
FIGURE 4. PROPAGATION DELAY DEFINITION
HIN200 thru HIN213


Similar Part No. - HIN206CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN206CB INTERSIL-HIN206CB Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN206CB INTERSIL-HIN206CB Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN206CB INTERSIL-HIN206CB Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN206CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com