Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN206IP Datasheet(PDF) 1 Page - Harris Corporation

Part # HIN206IP
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HIN206IP Datasheet(HTML) 1 Page - Harris Corporation

  HIN206IP Datasheet HTML 1Page - Harris Corporation HIN206IP Datasheet HTML 2Page - Harris Corporation HIN206IP Datasheet HTML 3Page - Harris Corporation HIN206IP Datasheet HTML 4Page - Harris Corporation HIN206IP Datasheet HTML 5Page - Harris Corporation HIN206IP Datasheet HTML 6Page - Harris Corporation HIN206IP Datasheet HTML 7Page - Harris Corporation HIN206IP Datasheet HTML 8Page - Harris Corporation HIN206IP Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SEMICONDUCT OR
8-3
August 1997
HIN200 thru HIN213
+5V Powered RS-232 Transmitters/Receivers
with 0.1Microfarad External Capacitors
Features
• Meets All RS-232E and V.28 Specifications
• HIN203 and HIN205 Require No External Capacitors
• Requires Only 0.1
µF or Greater External Capacitors
• 120kbit/s Data Rate
• Two Receivers Active in Shutdown Mode (HIN213)
• Requires Only Single +5V Power Supply
- (+5V and +12V - HIN201 and HIN209)
• Onboard Voltage Doubler/Inverter
• Low Power Consumption (Typ) . . . . . . . . . . . . . . . 5mA
• Low Power Shutdown Function (Typ) . . . . . . . . . . .1
µA
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
-
±10V Output Swing for +5V lnput
- 300
Ω Power-Off Source Impedance
- Output Current Limiting
- TTL/CMOS Compatible
- 30V/
µs Maximum Slew Rate
• Multiple Receivers
-
±30V Input Voltage Range
-3k
Ω to 7kΩ Input Impedance
- 0.5V Hysteresis to Improve Noise Rejection
Description
The HIN200-HIN213 family of RS-232 transmitters/receivers
interface circuits meet all ElA RS-232E and V.28 specifications,
and are particularly suited for those applications where
±12V is
not available. They require a single +5V power supply (except
HIN201 and HIN209) and feature onboard charge pump volt-
age converters which generate +10V and -10V supplies from
the 5V supply. The HIN203 and HIN205 require no external
capacitors and are ideally suited for applications where circuit
board space is critical. The family of devices offers a wide vari-
ety of RS-232 transmitter/receiver combinations to accommo-
date various applications (see Selection Table).
The HIN200, HIN206, HIN211 and HIN213 feature a low
power shutdown mode to conserve energy in battery
powered applications. In addition, the HIN213 provides two
active receivers in shutdown mode allowing for easy
“wakeup” capability.
The drivers feature true TTL/CMOS input compatibility, slew
rate-limited output, and 300
Ω power-off source impedance.
The receivers can handle up to
±30V input, and have a 3kΩ
to 7k
Ω input impedance. The receivers also feature hystere-
sis to greatly improve noise rejection.
Applications
• Any System Requiring RS-232 Communications Port
- Computer - Portable, Mainframe, Laptop
- Peripheral - Printers and Terminals
- Instrumentation
- Modems
Selection Table
PART
NUMBER
POWER SUPPLY
VOLTAGE
NUMBER OF
RS-232
DRIVERS
NUMBER OF
RS-232
RECEIVERS
NUMBER OF
0.1
µF
EXTERNAL
CAPACITORS
LOW POWER
SHUTDOWN/TTL
THREE-STATE
NUMBER OF
RECEIVERS
ACTIVE IN
SHUTDOWN
HIN200
+5V
5
0
4 Capacitors
Yes/No
0
HIN201
+5V and +9V to 13.2V
2
2
2 Capacitors
No/No
0
HIN202
+5V
2
2
4 Capacitors
No/No
0
HIN203
+5V
2
2
None
No/No
0
HIN204
+5V
4
0
4 Capacitors
No/No
0
HIN205
+5V
5
5
None
Yes/Yes
0
HIN206
+5V
4
3
4 Capacitors
Yes/Yes
0
HIN207
+5V
5
3
4 Capacitors
No/No
0
HIN208
5V
4
4
4 Capacitors
No/No
0
HIN209
+5V and +9V to 13.2V
3
5
2 Capacitors
No/Yes
0
HIN211
+5V
4
5
4 Capacitors
Yes/Yes
0
HIN213
+5V
4
5
4 Capacitors
Yes/Yes
2
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
3980.6


Similar Part No. - HIN206IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN206IP INTERSIL-HIN206IP Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN206IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com