Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWT673 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LWT673
Description  Hyper TOPLED White Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT673 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LWT673 Datasheet HTML 4Page - OSRAM GmbH LWT673 Datasheet HTML 5Page - OSRAM GmbH LWT673 Datasheet HTML 6Page - OSRAM GmbH LWT673 Datasheet HTML 7Page - OSRAM GmbH LWT673 Datasheet HTML 8Page - OSRAM GmbH LWT673 Datasheet HTML 9Page - OSRAM GmbH LWT673 Datasheet HTML 10Page - OSRAM GmbH LWT673 Datasheet HTML 11Page - OSRAM GmbH LWT673 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LW T673
2001-01-30
8
Relative Lichtstärke
I
V/IV(25 °C) = f (TA)
Relative Luminous Intensity
I
F =20 mA
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A=25 °C
Farbortverschiebung x, y =
f (I
F)
Chromaticity Coordinate Shift
T
A =25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A=85 °C
OHL00870
0
-10
V
V (25 ˚C)
I
I
˚C
V
A
T
10
30
50
70
100
0.2
0.4
0.6
0.8
1.2
OHL01405
0
F
I
10
10
-5
-4
-3
10
10
-2 10-1 100
s
10
1
10
2
p
t
0.05
0.10
0.15
0.20
0.25
0.30
0.05
0.5
0.2
0.1
D
0.02
0.01
0.005
=
A
D
T
t
=
P
t
T
P
IF
40
OHL00655
0.304
010
20
30
x, y
50
mA
0.306
0.308
0.310
0.312
0.314
0.316
0.318
0.324
x
y
F
I
OHL01406
0
F
I
10
10
-5
-4
-3
10
10
-2 10-1 100
s
10
1
10
2
p
t
0.05
0.10
0.15
0.20
0.25
0.30
0.05
0.5
0.2
0.1
D
0.02
0.01
0.005
=
A
D
T
t
=
P
t
T
P
IF


Similar Part No. - LWT673

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWT673-L2N2-JKPL OSRAM-LWT673-L2N2-JKPL Datasheet
652Kb / 23P
   Automotive Interior Lighting
LWT673-P1S1-FK0PM0-1 OSRAM-LWT673-P1S1-FK0PM0-1 Datasheet
676Kb / 24P
   Automotive Interior Lighting
LWT673 OSRAM-LWT673_13 Datasheet
652Kb / 23P
   Automotive Interior Lighting
LWT673 OSRAM-LWT673_17 Datasheet
676Kb / 24P
   Automotive Interior Lighting
More results

Similar Description - LWT673

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
   Hyper Multi TOPLED Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
   BLUE LINE Hyper TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
   Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
LWT676 SIEMENS-LWT676 Datasheet
77Kb / 7P
   Hyper TOPLED White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com