Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24750RHDT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24750RHDT
Description  Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24750RHDT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24750RHDT Datasheet HTML 7Page - Texas Instruments BQ24750RHDT Datasheet HTML 8Page - Texas Instruments BQ24750RHDT Datasheet HTML 9Page - Texas Instruments BQ24750RHDT Datasheet HTML 10Page - Texas Instruments BQ24750RHDT Datasheet HTML 11Page - Texas Instruments BQ24750RHDT Datasheet HTML 12Page - Texas Instruments BQ24750RHDT Datasheet HTML 13Page - Texas Instruments BQ24750RHDT Datasheet HTML 14Page - Texas Instruments BQ24750RHDT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
bq24750
SLUS735 – DECEMBER 2006
Table of Graphs(1)
Y
X
FIgure
VREF Load and Line Regulation
vs Load Current
Figure 3
REGN Load and Line Regulation
vs Load Current
Figure 4
BAT Voltage
vs VADJ/VDAC Ratio
Figure 5
Charge Current
vs SRSET/VDAC Ratio
Figure 6
Input Current
vs ACSET/VDAC Ratio
Figure 7
BAT Voltage Regulation Accuracy
vs Charge Current
Figure 8
BAT Voltage Regulation Accuracy
Figure 9
Charge Current Regulation Accuracy
Figure 10
Input Current Regulation (DPM) Accuracy
Figure 11
VIADAPT Input Current Sense Amplifier Accuracy
Figure 12
Input Regulation Current (DPM), and Charge Current
vs System Current
Figure 13
Transient System Load (DPM) Response
Figure 14
Charge Current Regulation
vs BAT Voltage
Figure 15
Efficiency
vs Battery Charge Current
Figure 16
Battery Removal (from Constant Current Mode)
Figure 17
ACDRV and BATDRV Startup
Figure 18
REF and REGN Startup
Figure 19
System Selector on Adapter Insertion with 390-
µF SYS-to-PGND System Capacitor
Figure 20
System Selector on Adapter Removal with 390-
µF SYS-to-PGND System Capacitor
Figure 21
System Selector on Adapter Insertion
Figure 22
Selector Gate Drive Voltages, 700 ms delay after ACDET
Figure 23
System Selector when Adapter Removed
Figure 24
Charge Enable / Disable and Current Soft-Start
Figure 25
Nonsynchronous to Synchronous Transition
Figure 26
Synchronous to Nonsynchronous Transition
Figure 27
Near 100% Duty Cycle Bootstrap Recharge Pulse
Figure 28
Battery Shorted Charger Response, Over Current Protection (OCP) and Charge Current Regulation
Figure 29
Continuous Conduction Mode (CCM) Switching Waveforms
Figure 30
Discontinuous Conduction Mode (DCM) Switching Waveforms
Figure 31
(1)
Test results based on Figure 2 application schematic. VIN = 20 V, VBAT = 3-cell Li+, ICHG = 3 A, IADAPTER_LIMIT = 4 A, TA = 25°C, unless
otherwise specified.
11
Submit Documentation Feedback


Similar Part No. - BQ24750RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750RHDT TI-BQ24750RHDT Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750RHDT TI1-BQ24750RHDT Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
BQ24750RHDTG4 TI1-BQ24750RHDTG4 Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
More results

Similar Description - BQ24750RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com