Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF2045 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # PEF2045
Description  Memory Time Switch CMOS (MTSC)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEF2045 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  PEF2045 Datasheet HTML 1Page - Siemens Semiconductor Group PEF2045 Datasheet HTML 2Page - Siemens Semiconductor Group PEF2045 Datasheet HTML 3Page - Siemens Semiconductor Group PEF2045 Datasheet HTML 4Page - Siemens Semiconductor Group PEF2045 Datasheet HTML 5Page - Siemens Semiconductor Group PEF2045 Datasheet HTML 6Page - Siemens Semiconductor Group PEF2045 Datasheet HTML 7Page - Siemens Semiconductor Group PEF2045 Datasheet HTML 8Page - Siemens Semiconductor Group PEF2045 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Semiconductor Group
4
PEB 2045
PEF 2045
Pin Definitions and Functions (cont’d)
Pin No.
P-LCC
Pin No.
P-DIP
Symbol
Input (I)
Output (O)
Function
25
23
WR
I
Write: This signal initiates a write operation.
The WR input is internally sampled only if CS is
active. In this case the MTSC loads an internal
register with data from the data bus at the rising
edge of WR. WR is active low.
26
27
29
30
31
32
33
34
24
25
26
27
28
29
30
31
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Data Bus: The data bus is used for
communication between the MTSC and a
processor.
35
36
37
38
40
41
42
43
32
33
34
35
36
37
38
39
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
0
0
0
0
0
0
0
0
PCM-Output Port: Serial data is sent by these
lines at standard CMOS or TTL levels. These
pins can be tristated.
44
40
CLK
I
Clock: 4096- or 8192-kHz device clock.


Similar Part No. - PEF2045

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF20450 INFINEON-PEF20450 Datasheet
2Mb / 129P
   Switching IC
DS 1, Nov. 2001
PEF20451 INFINEON-PEF20451 Datasheet
3Mb / 167P
   Switching IC
DS 1, Nov. 2001
More results

Similar Description - PEF2045

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2047 SIEMENS-PEB2047 Datasheet
297Kb / 50P
   Memory Time Switch Large MTSL
PEB2447 SIEMENS-PEB2447 Datasheet
1Mb / 51P
   Memory Time Switch Extended Large MTSXL
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Dallas Semiconductor
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
   4kb Plus Time Memory iButton
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
   Dual Port Memory Plus Time
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
   Digital Time Switch
logo
Extech Instruments Corp...
375475 EXTECH-375475 Datasheet
128Kb / 1P
   Programmable Time Switch
logo
Toshiba Semiconductor
TC54256AP TOSHIBA-TC54256AP Datasheet
545Kb / 11P
   32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
logo
Intersil Corporation
CDP1879 INTERSIL-CDP1879 Datasheet
100Kb / 18P
   CMOS Real-Time Clock
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com