Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1025-1Z-161.1328 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M1025-1Z-161.1328
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1025-1Z-161.1328 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M1025-1Z-161.1328 Datasheet HTML 1Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 2Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 3Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 4Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 5Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 6Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 7Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 8Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
M1025/26 Datasheet Rev 1.0
Revised 28Jul2004
Integr a t ed Cir cui t S ystems , Inc . ● N e tw or kin g & C o mm un icat ion s ● www. icst.com ● te l (5 08 ) 85 2-5 4 0 0
M1025/26
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Integrated
Circuit
Systems, Inc.
Product Data Sheet
GENERAL DESCRIPTION
The M1025/26 is a VCSO (Voltage Controlled SAW
Oscillator) based clock jitter
attenuator PLL designed for clock
jitter attenuation and frequency
translation. The device is ideal for
generating the transmit reference
clock for optical network systems
supporting up to 2.5Gb data rates.
It can serve to jitter attenuate a
stratum reference clock or a recovered clock in loop
timing mode. The M1025/26 module includes a
proprietary SAW (surface acoustic wave) delay line as
part of the VCSO. This results in a high frequency,
high-Q, low phase noise oscillator that assures low
intrinsic output jitter.
FEATURES
◆ Integrated SAW delay line; low phase jitter of < 0.5ps
rms, typical (12kHz to 20MHz)
◆ Output frequencies of 62.5 to 175 MHz
(Specify VCSO output frequency at time of order)
◆ LVPECL clock output (CML and LVDS options available)
◆ Reference clock inputs support differential LVDS,
LVPECL, as well as single-ended LVCMOS, LVTTL
◆ Loss of Lock (LOL) output pin; Narrow Bandwidth
control input (NBW pin)
◆ AutoSwitch (AUTO pin) - automatic (non-revertive)
reference clock reselection upon clock failure
◆ Acknowledge pin (REF_ACK pin) indicates the actively
selected reference input
◆ Hitless Switching (HS) options with or without Phase
Build-out (PBO) to enable SONET (GR-253) /SDH
(G.813) MTIE and TDEV compliance during reselection
◆ Pin-selectable feedback and reference divider ratios
◆ Single 3.3V power supply
◆ Small 9 x 9 mm SMT (surface mount) package
PIN ASSIGNMENT (9 x 9 mm SMT)
Figure 1: Pin Assignment
SIMPLIFIED BLOCK DIAGRAM
Figure 2: Simplified Block Diagram
Example I/O Clock Frequency Combinations
Using M1025-11-155.5200 or M1026-11-155.5200
Input Reference
Clock (MHz)
PLL Ratio
(Pin Selectable)
Output Clock
(MHz)
(Pin Selectable)
(M1025)
(M1026)
19.44 or 38.88
(M1025) (M1026)
8 or 4
155.52
or
77.76
77.76
2
155.52
1
622.08
0.25
Table 1: Example I/O Clock Frequency Combinations
M 1025
M 1026
( T op View )
18
17
16
15
14
13
12
11
10
28
29
30
31
32
33
34
35
36
P_SEL0
P_SEL1
nFOUT
FOUT
GND
REF_ACK
AUTO
VCC
GND
MR_SEL2
MR_SEL0
MR_SEL1
LOL
NBW
VCC
DNC
DNC
DNC
FOUT
nFOUT
TriState
Loop Filter
PLL
Phase
Detector
R Div
MUX
0
REF_SEL
DIF_REF0
nDIF_REF0
1
P_SEL1:0
NBW
DIF_REF1
nDIF_REF1
Auto
Ref Sel
0
1
LOL
Phase
Detector
REF_ACK
AUTO
M1025/26
VCSO
P Divider
LUT
LOL
2
M Divider
4
M/R
Divider
LUT
MR_SEL3:0
P Divider
(1, 2, or TriState)
M1025/26 VCSO Based Clock PLL with AutoSwitch


Similar Part No. - M1025-1Z-161.1328

ManufacturerPart #DatasheetDescription
logo
Analog Devices
M1025-1026 AD-M1025-1026 Datasheet
164Kb / 16P
   Low-Cost PC Hardware Monitor ASIC
REV. A
More results

Similar Description - M1025-1Z-161.1328

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
   VCSO BASED CLOCK JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com