Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FALXTPCD0SE000 Datasheet(PDF) 1 Page - Intel Corporation

Part # FALXTPCD0SE000
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXTPCD0SE000 Datasheet(HTML) 1 Page - Intel Corporation

  FALXTPCD0SE000 Datasheet HTML 1Page - Intel Corporation FALXTPCD0SE000 Datasheet HTML 2Page - Intel Corporation FALXTPCD0SE000 Datasheet HTML 3Page - Intel Corporation FALXTPCD0SE000 Datasheet HTML 4Page - Intel Corporation FALXTPCD0SE000 Datasheet HTML 5Page - Intel Corporation FALXTPCD0SE000 Datasheet HTML 6Page - Intel Corporation FALXTPCD0SE000 Datasheet HTML 7Page - Intel Corporation FALXTPCD0SE000 Datasheet HTML 8Page - Intel Corporation FALXTPCD0SE000 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 226 page
background image
Intel® LXT9785 and Intel® LXT9785E
Advanced 8-Port 10/100 Mbps PHY
Transceivers
Datasheet
The Intel® LXT9785 and Intel® LXT9785E are 8-port Fast Ethernet PHY Transceivers
supporting IEEE 802.3 physical layer applications at 10 Mbps and 100 Mbps. These devices
provide Serial/Source Synchronous Serial Media Independent Interfaces (SMII/SS-SMII) and
Reduced Media Independent Interface (RMII) for switching and other independent port
applications. The LXT9785 and LXT9785E are identical except for the IP telephony features
included in the LXT9785E transceiver. The LXT9785E is an enhanced version of the LXT9785
that detects Data Terminal Equipment (DTE) requiring power from the switch over a CAT5
cable. The system uses the information collected by the LXT97985E to apply power if the DTE
at the far end requires power over the cable, such as an IP telephone.
Each network port can provide a twisted-pair (TP) or Low-Voltage Positive Emitter Coupled
Logic (LVPECL) interface. The twisted-pair interface supports 10 Mbps and 100 Mbps
(10BASE-T and 100BASE-TX) Ethernet over twisted-pair. The LVPECL interface supports
100 Mbps (100BASE-FX) Ethernet over fiber-optic media.
The LXT9785/LXT9785E provides three discrete LED driver outputs for each port. The devices
support both half-duplex and full-duplex operation at 10 Mbps and 100 Mbps and require only a
single 2.5 V power supply.
Applications
Product Features
Enterprise switches
IP telephony switches
Storage Area Networks
Multi-port Network Interface Cards (NICs)
Eight IEEE 802.3-compliant 10BASE-T or
100BASE-TX ports with integrated filters.
100BASE-FX fiber-optic capability on all
ports.
2.5 V operation.
Low power consumption; 250 mW per port
typical.
Multiple RMII or SMII/SS-SMII ports for
independent PHY port operation.
Auto MDI/MDIX crossover capability.
Proprietary Optimal Signal Processing™
architecture improves SNR by 3 dB over
ideal analog filters.
Optimized for dual-high stacked RJ-45
applications.
MDIO sectionalization into 2x4 or 1x8
configurations.
Supports both auto-negotiation systems and
legacy systems without auto-negotiation
capability.
Robust baseline wander correction.
Configurable through the MDIO port or
external control pins.
JTAG boundary scan.
208-pin PQFP: LXT9785HC,
LXT9785EHC, LXT9785HE.
241-ball BGA: LXT9785BC,
LXT9785EBC.
196-ball BGA: LXT9785MBC
DTE detection for remote powering
applications (LXT9785E only).
Extended temperature operation of -40oC to
+85oC (LXT9785HE).
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003


Similar Part No. - FALXTPCD0SE000

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FALXT972MBAA4 INTEL-FALXT972MBAA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
FALXT972MBCA4 INTEL-FALXT972MBCA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
FALXT972MBEA4 INTEL-FALXT972MBEA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
FALXT972MCAA4 INTEL-FALXT972MCAA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
FALXT972MCCA4 INTEL-FALXT972MCCA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
More results

Similar Description - FALXTPCD0SE000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
logo
Advantech Co., Ltd.
EDG-6528 ADVANTECH-EDG-6528 Datasheet
63Kb / 1P
   8-port 10/100 Mbps Industrial Ethernet Switches
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
logo
Advantech Co., Ltd.
EKI-6538 ADVANTECH-EKI-6538 Datasheet
64Kb / 1P
   8-port 10/100 Mbps Industrial Smart Ethernet Switch
logo
List of Unclassifed Man...
BS-2108U ETC2-BS-2108U Datasheet
414Kb / 2P
   8-port Unmanaged Layer 2 100/10 Mbps Switch
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
   5 Port 10/100 Switch with PHY
logo
Vitesse Semiconductor C...
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
   Octal Port 10/100/1000BASE-T PHY
logo
Micrel Semiconductor
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com