Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8C203PC12 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # L8C203PC12
Description  512/1K/2K/4K x 9-bit Asynchronous FIFO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L8C203PC12 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  L8C203PC12 Datasheet HTML 1Page - LOGIC Devices Incorporated L8C203PC12 Datasheet HTML 2Page - LOGIC Devices Incorporated L8C203PC12 Datasheet HTML 3Page - LOGIC Devices Incorporated L8C203PC12 Datasheet HTML 4Page - LOGIC Devices Incorporated L8C203PC12 Datasheet HTML 5Page - LOGIC Devices Incorporated L8C203PC12 Datasheet HTML 6Page - LOGIC Devices Incorporated L8C203PC12 Datasheet HTML 7Page - LOGIC Devices Incorporated L8C203PC12 Datasheet HTML 8Page - LOGIC Devices Incorporated L8C203PC12 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DEVICES INCORPORATED
L8C201/202/203/204
512/1K/2K/4K x 9-bit Asynchronous FIFO
4
FIFO Products
03/04/99–LDS.8C201/2/3/4-H
L8C201/202/203/204
Symbol
Parameter
Test Condition
Min
Typ
Max Unit
VOH
Output High Voltage
VCC = 4.5 V, IOH = –2.0 mA
2.4
V
VOL
Output Low Voltage
VCC = 4.5 V, IOL = 8.0 mA
0.4
V
VIH
Input High Voltage
2.0
VCC
V
+0.3
VIL
Input Low Voltage
(Note 3)
–0.5
0.8
V
IIX
Input Leakage Current
Ground
≤ VIN ≤ VCC
±1 µA
IOZ
Output Leakage Current
R
≥ VIH, GND ≤ VOUT ≤ VCC
±10 µA
ICC2
VCC Current, TTL Inactive
All Inputs = VIH MIN (Note 6)
15
mA
ICC3
VCC Current, CMOS Standby
All Inputs = VCC (Note 12)
5mA
CIN
Input Capacitance
Ambient Temp = 25°C, VCC = 4.5 V
5
pF
COUT
Output Capacitance
Test Frequency = 1 MHz (Note 9)
7pF
MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2)
Storage temperature ........................................................................................................... –65°C to +150°C
Operating ambient temperature ........................................................................................... –55°C to +125°C
VCC supply voltage with respect to ground ............................................................................ –0.5 V to +7.0V
Input signal with respect to ground ........................................................................................ –0.5 V to +7.0 V
Signal applied to high impedance output ............................................................................... –3.0 V to +7.0 V
Output current into low outputs ............................................................................................................. 25 mA
OPERATING CONDITIONS To meet specified electrical and switching characteristics
Mode
Temperature Range (Ambient)
Supply Voltage
Active Operation, Commercial
0°C to +70°C
4.5 V
≤ VCC ≤ 5.5 V
Active Operation, Industrial
–40°C to +85°C
4.5 V
≤ VCC ≤ 5.5 V
Active Operation, Military
–55°C to +125°C
4.5 V
≤ VCC ≤ 5.5 V
ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 5)
L8C201/202/203/204-
Symbol
Parameter
Test Condition
40
30
25
20
15
12
10
Unit
ICC1
VCC Current, Active
(Note 5)
90
95
100
110
120
150
180
mA


Similar Part No. - L8C203PC12

ManufacturerPart #DatasheetDescription
logo
Zemic Europe B.V.
L8C ZEMIC-L8C Datasheet
432Kb / 3P
   Type L8C Rope Clamp Load Cell
2023.07
More results

Similar Description - L8C203PC12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com