Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2070 Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # S2070
Description  FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2070 Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  S2070 Datasheet HTML 1Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 2Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 3Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 4Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 5Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
S2070
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision G
TRANSMITTER DESCRIPTION
The S2070 transmitter accepts 10-bit parallel input
data and serializes it for transmission over fiber optic
or coaxial cable media. The chip is fully compatible
with the IEEE 802.3z Gigabit Ethernet and ANSI
X3T11 Fibre Channel standards. The S2070 uses a
PLL to generate the serial rate transmit clock. The
transmitter runs at 10 times the TBC input clock, and
operates in either full rate or half rate mode.
Parallel-to-Serial Conversion
The parallel-to-serial converter takes in 10-bit wide
data from the input latch and converts it to a serial
data stream. Parallel data is latched into the trans-
mitter on the positive going edge of TBC. The data is
then clocked into the serial output shift register. The
shift register is clocked by the internally generated
bit clock which is 10x the TBC input frequency. TX[0]
is transmitted first.
Transmit Byte Clock (TBC)
The Transmit Byte Clock (TBC) input must be sup-
plied from a clock source with 100 ppm tolerance to
assure that the transmitted data meets the Fibre
Channel frequency limits. The internal serial clock is
frequency locked to TBC.
TBC is input at full or half rate determined by the
state of the RATEN input. Operating rates are shown
in Table 2.
Transmit Latency
The average transmit latency is 4 parallel clocks.
N
E
T
A
R
t
u
p
n
I
l
e
l
l
a
r
a
P
)
s
p
b
M
(
e
t
a
R
y
c
n
e
u
q
e
r
F
C
B
T
)
z
H
M
(
t
u
p
t
u
O
l
a
i
r
e
S
)
s
p
b
G
(
e
t
a
R
05
2
15
2
15
2
.
1
05
2
.
6
0
15
2
.
6
0
15
2
6
0
.
1
15
.
2
65
.
2
65
2
6
.
0
15
2
1
.
3
55
2
1
.
3
55
2
1
3
5
.
0
Table 2. Operating Rates


Similar Part No. - S2070

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S2070W TECCOR-S2070W Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S2070W TECCOR-S2070W Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S2070W LITTELFUSE-S2070W Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S2070W LITTELFUSE-S2070W Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S2070W NJSEMI-S2070W Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S2070

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
SN75FC1000 TI1-SN75FC1000 Datasheet
301Kb / 10P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
logo
NXP Semiconductors
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com