Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1026-1Z-173.3708 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # M1026-1Z-173.3708
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1026-1Z-173.3708 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button M1026-1Z-173.3708 Datasheet HTML 6Page - Integrated Circuit Systems M1026-1Z-173.3708 Datasheet HTML 7Page - Integrated Circuit Systems M1026-1Z-173.3708 Datasheet HTML 8Page - Integrated Circuit Systems M1026-1Z-173.3708 Datasheet HTML 9Page - Integrated Circuit Systems M1026-1Z-173.3708 Datasheet HTML 10Page - Integrated Circuit Systems M1026-1Z-173.3708 Datasheet HTML 11Page - Integrated Circuit Systems M1026-1Z-173.3708 Datasheet HTML 12Page - Integrated Circuit Systems M1026-1Z-173.3708 Datasheet HTML 13Page - Integrated Circuit Systems M1026-1Z-173.3708 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
M1025/26 Datasheet Rev 1.0
10 of 14
Revised 28Jul2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M1025/26
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Prod uct Data Sh eet
ABSOLUTE MAXIMUM RATINGS1
Symbol Parameter
Rating
Unit
V
I
Inputs
-0.5 to V
CC +0.5
V
V
O
Outputs
-0.5 to V
CC +0.5
V
V
CC
Power Supply Voltage
4.6
V
T
S
Storage Temperature
-45 to +100
oC
Table 8: Absolute Maximum Ratings
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional operation of product at these conditions
or any conditions beyond those listed in Recommended Conditions of Operation, DC Characteristics, or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
RECOMMENDED CONDITIONS OF OPERATION
Symbol Parameter
Min
Typ
Max
Unit
V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
T
A
Ambient Operating Temperature
Commercial
0
+70
oC
Industrial
-40
+85
oC
Table 9: Recommended Conditions of Operation


Similar Part No. - M1026-1Z-173.3708

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M102-003-HD-SL TRIPPLITE-M102-003-HD-SL Datasheet
178Kb / 3P
   Heavy-Duty USB-C to Lightning Sync/Charge Cable with Status LED - MFi Certified, M/M, USB 2.0, 3 ft.
M102-003-WH TRIPPLITE-M102-003-WH Datasheet
161Kb / 3P
   USB-C Sync / Charge Cable with Lightning Connector - M/M, USB 2.0, White, 3 ft. (0.9 m)
M102-01M-BK TRIPPLITE-M102-01M-BK Datasheet
165Kb / 2P
   USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 1 m (3.3 ft.)
M102-01M-WH TRIPPLITE-M102-01M-WH Datasheet
160Kb / 2P
   USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M102-02M-BK TRIPPLITE-M102-02M-BK Datasheet
166Kb / 2P
   USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 2 m (6.6 ft.)
More results

Similar Description - M1026-1Z-173.3708

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
   VCSO BASED CLOCK JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com