Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC6303 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RC6303
Description  Triple Video Amplifier with Separate Enable Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC6303 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RC6303 Datasheet HTML 1Page - Fairchild Semiconductor RC6303 Datasheet HTML 2Page - Fairchild Semiconductor RC6303 Datasheet HTML 3Page - Fairchild Semiconductor RC6303 Datasheet HTML 4Page - Fairchild Semiconductor RC6303 Datasheet HTML 5Page - Fairchild Semiconductor RC6303 Datasheet HTML 6Page - Fairchild Semiconductor RC6303 Datasheet HTML 7Page - Fairchild Semiconductor RC6303 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RC6303
PRODUCT SPECIFICATION
2
Pin Assignments
16
15
14
13
12
11
10
9
65-3399-03
VCCO
OUT1
EN1
OUT2
EN2
OUT3
EN3
VEEO
1
2
3
4
5
6
7
8
IN1–
IN1+
VCC
IN2–
IN2+
VEE
IN3–
IN3+
Pin Definitions
Pin
Name
Pin
Number
Pin Function Description
EN1
14
Enables amplifier 1 when low
EN2
12
Enables amplifier 2 when low
EN3
10
Enables amplifier 3 when low
IN1–
1
Amplifier 1 inverting input
IN1+
2
Amplifier 1 non-inverting input
IN2–
4
Amplifier 2 inverting input
IN2+
5
Amplifier 2 non-inverting input
IN3–
7
Amplifier 3 inverting input
IN3+
8
Amplifier 3 non-inverting input
OUT1
15
Amplifier 1 output
OUT2
13
Amplifier 2 output
OUT3
11
Amplifier 3 output
VCC
3
Analog positive supply
VCCO
16
Positive supply for output
stages
VEE
6
Analog negative supply
VEEO
9
Negative supply for output
stages
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Note:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
Operating Conditions
Parameter
Min
Typ
Max
Units
Positive power supply, VCC
7V
Negative power supply, VEE
-7
V
Differential input voltage
10
V
Operating Temperature
0
+70
°C
Storage Temperature
-40
+125
°C
Junction Temperature
150
°C
Lead Soldering Temperature (10 seconds)
300
°C
Short circuit tolerance: No more than one output can be shorted to ground.
Parameter
Min
Typ
Max
Units
VCC
Power Supply Voltage
4.75
5.0
5.25
V
VEE
Negative Supply Voltage
-4.75
-5.0
-5.25
V
qJA
SO16 thermal resistance
105
°C/W


Similar Part No. - RC6303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC6302 FAIRCHILD-RC6302 Datasheet
28Kb / 7P
   High Performance Programmable Synchronous
More results

Similar Description - RC6303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
   Triple Video Amplifier
logo
Intersil Corporation
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com