Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUE185 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RUE185
Description  RUE090
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RUE185 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RUE185 Datasheet HTML 3Page - List of Unclassifed Manufacturers RUE185 Datasheet HTML 4Page - List of Unclassifed Manufacturers RUE185 Datasheet HTML 5Page - List of Unclassifed Manufacturers RUE185 Datasheet HTML 6Page - List of Unclassifed Manufacturers RUE185 Datasheet HTML 7Page - List of Unclassifed Manufacturers RUE185 Datasheet HTML 8Page - List of Unclassifed Manufacturers RUE185 Datasheet HTML 9Page - List of Unclassifed Manufacturers RUE185 Datasheet HTML 10Page - List of Unclassifed Manufacturers RUE185 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
148 RUE Devices
Raychem Circuit Protection Devices
Tape and reel specifications (dimensions in millimeters)
Product availability: RUE090–RUE400
Devices taped using EIA468-B/IEC286-2 standards. See table below and Figures 1 and 2 for details.
Dimension
EIA
IEC
Dimensions
description
mark
mark
Dim. (mm)
Tol. (mm)
Carrier tape width
W
W
18
–0.5/+1.0
Hold down tape width: RUE090-RUE250
W4
W0
11
min.
Top distance between tape edges
W6
W2
3
max.
Sprocket hole position
W5
W1
9
–0.5/+0.75
Sprocket hole diameter*
D0
D0
4
–0.32/+0.2
Abscissa to plane (straight lead)
H
H
18.5
±3.0
Abscissa to plane (kinked lead)
H0
H0
16
±0.5
Abscissa to top RUE090–185
H1
H1
32.2
max.
Abscissa to top RUE250–400*
35.4
max.
Overall width w/lead protrusion RUE090–RUE250
C1
43.2
max.
Overall width w/lead protrusion RUE250
43.9
max.
Overall width w/o lead protrusion RUE090–RUE185
C2
42.5
max.
Overall width w/o lead protrusion RUE300–RUE400*
44.2
max.
Lead protrusion
L1
l1
1.0
max.
Protrusion of cut out
L
L
11
max.
Protrusion beyond hold-down tape
l2
l2
Not specified
Sprocket hole pitch: RUE090–RUE250
P0
P0
12.7
±0.3
Sprocket hole pitch on RUE300–RUE400
P0
P0
25.4
±0.5
Device pitch: RUE090–RUE250
12.7
Device pitch: RUE300–RUE400
25.4
Pitch tolerance
20 consec.
±1
Tape thickness
t
t
0.9
max.
Tape thickness with splice RUE090-RUE250
t1
1.5
max.
Tape thickness with splice RUE300-RUE400*
t1
2.0
max.
Splice sprocket hole alignment
0
±0.3
Body lateral deviation
h
h
0
±1.0
Body tape plane deviation
p
p
0
±1.3
Ordinate to adjacent component lead*
P1
P1
3.81
±1.0
Lead spacing: RUE090–RUE400*
F
F
5.08
±0.8
Reel width RUE090–RUE300
w2
w
56
max.
Reel width RUE400*
w2
w
63.5
max.
Reel diameter
ad
370
max.
Space between flanges less device*
w1
4.75
3.25/+8.25
Arbor hole diameter
c
f
26
±12.0
Core diameter*
n
h
91
max.
Box
56/372/372
max.
Consecutive missing places
None
Empty places per reel
0.1% max.
*Differs from EIA specification
RUE
Radial Leaded
4
RUE(7)
1/15/99 11:28 AM
Page 148


Similar Part No. - RUE185

ManufacturerPart #DatasheetDescription
logo
Rohm
RUE002N02 ROHM-RUE002N02 Datasheet
222Kb / 5P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
193Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
182Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05_1006 ROHM-RUE002N05_1006 Datasheet
182Kb / 6P
   1.2V Drive Nch MOSFET
RUE003N02 ROHM-RUE003N02 Datasheet
105Kb / 4P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com