Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUE300 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RUE300
Description  RUE090
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RUE300 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RUE300 Datasheet HTML 2Page - List of Unclassifed Manufacturers RUE300 Datasheet HTML 3Page - List of Unclassifed Manufacturers RUE300 Datasheet HTML 4Page - List of Unclassifed Manufacturers RUE300 Datasheet HTML 5Page - List of Unclassifed Manufacturers RUE300 Datasheet HTML 6Page - List of Unclassifed Manufacturers RUE300 Datasheet HTML 7Page - List of Unclassifed Manufacturers RUE300 Datasheet HTML 8Page - List of Unclassifed Manufacturers RUE300 Datasheet HTML 9Page - List of Unclassifed Manufacturers RUE300 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RUE Product Data
Now that you have selected your RUE device, please review the
device’s characteristics in this section to verify that the device will
perform as required.
Electrical characteristics (20°C)
Initial
Post-trip
Max. time
resistance
resistance
Part
IH
IT
to trip (s)
Pd
R min.
R max.
R1 max .
Number
(A)
(A)
at 5 x IH
(W)
(
Ω )( Ω )( Ω )
RUE090
0.90
1.80
5.9
0.6
0.070
0.12
0.22
RUE110
1.10
2.20
6.6
0.7
0.050
0.10
0.17
RUE135
1.35
2.70
7.3
0.8
0.040
0.08
0.13
RUE160
1.60
3.20
8.0
0.9
0.030
0.07
0.11
RUE185
1.85
3.70
8.7
1.0
0.030
0.06
0.09
RUE250
2.50
5.00
10.3
1.2
0.020
0.04
0.07
RUE300
3.00
6.00
10.8
2.0
0.020
0.05
0.08
RUE400
4.00
8.00
12.7
2.5
0.010
0.03
0.05
RUE500
5.00
10.00
14.5
3.0
0.010
0.03
0.05
RUE600
6.00
12.00
16.0
3.5
0.005
0.02
0.04
RUE700
7.00
14.00
17.5
3.8
0.005
0.02
0.03
RUE800
8.00
16.00
18.8
4.0
0.005
0.02
0.02
RUE900
9.00
18.00
20.0*
4.2
0.005
0.01
0.02
IH = Hold current—maximum current at which the device will not trip at 20°C.
IT = Trip current—minimum current at which the device will always trip at 20°C.
Pd = Typical power dissipation—typical amount of power dissipated by the device when in tripped state in 20°C still air.
R min. = Minimum device resistance at 20°C prior to tripping.
R max. = Maximum device resistance at 20°C prior to tripping.
R1 max. = Maximum device resistance at 20°C measured 1 hour post trip.
* Device tested at 40 A.
Physical characteristics
Lead material
RUE090–250: Tin lead-plated copper-clad steel, 24 AWG,
∅ 0.51 mm/0.020 in
RUE300–900: Tin lead-plated copper, 20 AWG,
∅ 0.81 mm/0.032 in
Soldering characteristics
Solderability per MIL-STD-202, Method 208E
Solder heat withstand per MIL-STD-202, Method 210, Condition B
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-O
requirements
Note: Devices are not designed to be placed through a reflow process.
146 RUE Devices
Raychem Circuit Protection Devices
RUE
Radial Leaded
4
RUE(7)
1/15/99 11:28 AM
Page 146


Similar Part No. - RUE300

ManufacturerPart #DatasheetDescription
logo
Rohm
RUE002N02 ROHM-RUE002N02 Datasheet
222Kb / 5P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
193Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
182Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05_1006 ROHM-RUE002N05_1006 Datasheet
182Kb / 6P
   1.2V Drive Nch MOSFET
RUE003N02 ROHM-RUE003N02 Datasheet
105Kb / 4P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com