Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2011PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2011PBF
Description  HIGH AND LOW SIDE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2011PBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2011PBF Datasheet HTML 1Page - International Rectifier IRS2011PBF Datasheet HTML 2Page - International Rectifier IRS2011PBF Datasheet HTML 3Page - International Rectifier IRS2011PBF Datasheet HTML 4Page - International Rectifier IRS2011PBF Datasheet HTML 5Page - International Rectifier IRS2011PBF Datasheet HTML 6Page - International Rectifier IRS2011PBF Datasheet HTML 7Page - International Rectifier IRS2011PBF Datasheet HTML 8Page - International Rectifier IRS2011PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.irf.com
3
IRS2011(S)PbF
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
2.5
VIL
Logic “0” input voltage
0.7
VOH
High level output voltage, VBIAS - VO
1.4
IO = 0 A
VOL
Low level output voltage, VO
0.1
IO = 20 mA
ILK
Offset supply leakage current
50
VB=VS = 200 V
IQBS
Quiescent VBS supply current
120
210
IQCC
Quiescent VCC supply current
200
300
IIN+
Logic “1” input bias current
3
10
VIN = 3.3 V
IIN-
Logic “0” input bias current
5.0
VIN = 0 V
VBSUV+
VBS supply undervoltage positive going
8.3
9.0
9.7
threshold
VBSUV-
VBS supply undervoltage negative going
7.5
8.2
8.9
threshold
VCCUV+
VCC supply undervoltage positive going
8.3
9.0
9.7
threshold
VCCUV-
VCC supply undervoltage negative going
7.5
8.2
8.9
threshold
IO+
Output high short circuit pulsed current
1.0
VO = 0 V,
PW = 10 µs
IO-
Output low short circuit pulsed current
1.0
VO = 15 V,
PW = 10 µs
V
µA
V
A
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, and TA = 25 °C unless otherwise specified. The VIN, VTH, and IIN parameters are referenced
to COM and are applicable to all logic input leads: HIN and LIN. The VO and IO parameters are referenced to COM and
are applicable to the respective output leads: HO or LO.
VCC = 10 V - 20 V
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, CL = 1000 pF, TA = 25 °C unless otherwise specified. Figure 1 shows the timing definitions.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
60
80
VS = 0V
toff
Turn-off propagation delay
60
80
VS = 200V
tr
Turn-on rise time
25
40
t f
Turn-off fall time
15
35
DM1
Turn-on delay matching | ton (H) - ton (L) |
20
DM2
Turn-off delay matching | toff (H) - toff (L) |
20
ns
VIN = 0 V or 3.3 V


Similar Part No. - IRS2011PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
1Mb / 22P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
IRS2011PBF INFINEON-IRS2011PBF Datasheet
1Mb / 22P
   High and Low Side Driver
October 28, 2015
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF_15 Datasheet
1Mb / 22P
   Floating channel designed for bootstrap operation
More results

Similar Description - IRS2011PBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com