Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10H351JCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10H351JCTR
Description  QUAD TTL/NMOS-to-PECL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H351JCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10H351JCTR Datasheet HTML 1Page - Micrel Semiconductor SY10H351JCTR Datasheet HTML 2Page - Micrel Semiconductor SY10H351JCTR Datasheet HTML 3Page - Micrel Semiconductor SY10H351JCTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10H351
Micrel
Symbol
Parameter
Value
Unit
V
CC
Power Supply Voltage
–0.5 to +7.0
V
I
O
Output Current
–Continuous
50
mA
–Surge
100
T
store
Storage Temperature
–65 to +150
°C
T
A
Operating Temperature
0 to +85
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TRUTH TABLE
CS
D
Q
/Q
HL
L
H
HHH
L
H
Open
H
L
LXL
H
Open
L
L
H
Open
H
H
L
Open
Open
H
L
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
CC
Power Supply Current ECL(1)
45
——
45
45
mA
No output
TTL(2)
15
——
15
15
loads
I
R
Reverse Current
20
——
20
20
µA
(Pins 7, 8, 12, 14)
I
INH
Reverse Current, (Pin 9)
80
——
80
80
µA
I
F
Forward Current
—–0.6
——
–0.6
—–0.6
mA
(Pins 7, 8, 12, 14)
I
INL
Forward Current, (Pin 9)
—–2.4
——
–2.4
—–2.4
mA
V
BR(in)
Input Breakdown Voltage
5.5
5.5
——
5.5
V
V
I
Input Clamp Voltage
—–1.5
——
–1.5
—–1.5
V
I
IN = –18mA
V
OH
Output HIGH Voltage(3)
3.98
4.16
4.02
4.19
4.08
4.27
V
V
OL
Output LOW Voltage(3)
3.05
3.37
3.05
3.37
3.05
3.37
V
V
IH
Input HIGH Voltage
2.0
2.0
——
2.0
V
V
IL
Input LOW Voltage
0.8
——
0.8
0.8
V
DC ELECTRICAL CHARACTERISTICS
VCC1 = VCC2 = VCCE = VCCT = 4.75V to 5.25V
NOTES:
1. Total ICC at VCC1, VCC2 and VCCE.
2. ICC at ICCT.
3. These values are for VCC = 5.0V. Level Specifications will vary 1:1 VCC.


Similar Part No. - SY10H351JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H351JCTR MICREL-SY10H351JCTR Datasheet
59Kb / 5P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
More results

Similar Description - SY10H351JCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351_16 Datasheet
128Kb / 5P
   Quad TTL/NMOS to PECL Translator
August, 2016 ??Rev. 9
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
   Quad TTL/NMOS to PECL Translator
1996 REV 5
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351_06 Datasheet
59Kb / 5P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com