Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAR5S15U Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TAR5S15U
Description  Point Regulators (Low-Dropout Regulator)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S15U Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TAR5S15U Datasheet HTML 2Page - Toshiba Semiconductor TAR5S15U Datasheet HTML 3Page - Toshiba Semiconductor TAR5S15U Datasheet HTML 4Page - Toshiba Semiconductor TAR5S15U Datasheet HTML 5Page - Toshiba Semiconductor TAR5S15U Datasheet HTML 6Page - Toshiba Semiconductor TAR5S15U Datasheet HTML 7Page - Toshiba Semiconductor TAR5S15U Datasheet HTML 8Page - Toshiba Semiconductor TAR5S15U Datasheet HTML 9Page - Toshiba Semiconductor TAR5S15U Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TAR5S15U~TAR5S50U
2003-02-10
6
3.
Ripple Rejection
The devices of the TAR5SxxU Series feature a circuit with an excellent ripple rejection characteristic.
Because the circuit also features an excellent output fluctuation characteristic for sudden supply voltage drops,
the circuit is ideal for use in the RF blocks incorporated in all mobile telephones.
4.
NOISE Pin
TAR5SxxU Series devices incorporate a NOISE pin to reduce output noise voltage. Inserting a capacitor
between the NOISE pin and GND reduces output noise. To ensure stable operation, insert a capacitor of
0.0047
µF or more between the NOISE pin and GND.
The output voltage rise time varies according to the capacitance of the capacitor connected to the NOISE
pin.
Ripple Rejection
− f
TAR5S28U Input Transient Response
Frequency
f
(Hz)
Time
t
(ms)
0
10
100
1 k
10 k
100 k 300 k
10
20
30
40
50
60
70
80
10
µF
2.2
µF
1
µF
VIN = 4.0 V, CNOISE = 0.01 µF,
CIN = 1 µF, Vripple = 500 mVp
−p,
Iout = 10 mA, Ta = 25°C
CNOISE − VN
Turn On Waveform
NOISE capacitance
CNOISE (F)
Time
t
(ms)
0
10
20
30
40
50
60
0.001
µ
0.01
µ
1.0
µ
TAR5S50
0.1
µ
TAR5S30
TAR5S15
CIN = 1 µF, Cout = 10 µF,
Iout = 10 mA, Ta = 25°C
01
45
8
10
Input voltage
2.8 V
2
3
6
7
9
Output voltage
3.1 V
3.4 V
Ta
= 25°C, CIN = 1 µF,
Cout = 10 µF, CNOISE = 0.01 µF,
VIN: 3.4 V → 3.1 V, Iout = 50 mA
40
10
20
0
1
2
3
1
2
−10
0
90
30
0
60
50
80
70
Output voltage waveform
Control voltage waveform
CNOISE = 0.01 µF
1
µF
0.33
µF
0.1
µF
CIN = 1 µF, Cout = 10 µF,
Iout = 50 mA, Ta = 25°C


Similar Part No. - TAR5S15U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15 TOSHIBA-TAR5S15 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
More results

Similar Description - TAR5S15U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com