Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8C202NI25 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # L8C202NI25
Description  512/1K/2K/4K x 9-bit Asynchronous FIFO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L8C202NI25 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

Back Button L8C202NI25 Datasheet HTML 2Page - LOGIC Devices Incorporated L8C202NI25 Datasheet HTML 3Page - LOGIC Devices Incorporated L8C202NI25 Datasheet HTML 4Page - LOGIC Devices Incorporated L8C202NI25 Datasheet HTML 5Page - LOGIC Devices Incorporated L8C202NI25 Datasheet HTML 6Page - LOGIC Devices Incorporated L8C202NI25 Datasheet HTML 7Page - LOGIC Devices Incorporated L8C202NI25 Datasheet HTML 8Page - LOGIC Devices Incorporated L8C202NI25 Datasheet HTML 9Page - LOGIC Devices Incorporated L8C202NI25 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DEVICES INCORPORATED
L8C201/202/203/204
512/1K/2K/4K x 9-bit Asynchronous FIFO
6
FIFO Products
03/04/99–LDS.8C201/2/3/4-H
SWITCHING CHARACTERISTICS Over Commercial and Industrial Operating Range
L8C201/202/203/204–
25
15
12
10
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tRLQV
Read Low to Output Valid (Access Time)
25
15
12
10
tRLEL
Read Low to Empty Flag Low
25
15
12
10
tRHFH
Read High to Full Flag High
25
15
12
10
tWHEH
Write High to Empty Flag High
25
15
12
10
tWLFL
Write Low to Full Flag Low
25
15
12
10
tTLAL
Retransmit Cycle Time
35
25
20
15
tTLTH
Retransmit Low to End of Retransmit Cycle (Notes 8, 9, 10)
25
15
12
10
tAHTH
Read/Write High to Retransmit High (Notes 8, 9, 10)
25
15
12
10
tTHAL
Retransmit High to Read/Write Low (Note 9)
10
10
8
5
FULL/EMPTY FLAG AND RETRANSMIT TIMING (ns)
RETRANSMIT
FULL FLAG FROM LAST WRITE TO FIRST READ
R
tWLFL
W
tRHFH
FF
LAST WRITE
IGNORED
WRITE
FIRST READ
ADDITIONAL
READS
ADDITIONAL
WRITES
EMPTY FLAG FROM LAST READ TO FIRST WRITE
R
tRLEL
W
tWHEH
EF
LAST READ
IGNORED
READ
FIRST WRITE
ADDITIONAL
WRITES
FIRST READ
VALID
tRLQV
DATA
OUT
VALID
FLAG VALID
tAHTH
W, R
tTLTH
tTLAL
tTHAL
RT
HF, EF, FF


Similar Part No. - L8C202NI25

ManufacturerPart #DatasheetDescription
logo
Zemic Europe B.V.
L8C ZEMIC-L8C Datasheet
432Kb / 3P
   Type L8C Rope Clamp Load Cell
2023.07
More results

Similar Description - L8C202NI25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com