Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAR5S27 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TAR5S27
Description  Point Regulators (Low-Dropout Regulator)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S27 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TAR5S27 Datasheet HTML 1Page - Toshiba Semiconductor TAR5S27 Datasheet HTML 2Page - Toshiba Semiconductor TAR5S27 Datasheet HTML 3Page - Toshiba Semiconductor TAR5S27 Datasheet HTML 4Page - Toshiba Semiconductor TAR5S27 Datasheet HTML 5Page - Toshiba Semiconductor TAR5S27 Datasheet HTML 6Page - Toshiba Semiconductor TAR5S27 Datasheet HTML 7Page - Toshiba Semiconductor TAR5S27 Datasheet HTML 8Page - Toshiba Semiconductor TAR5S27 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TAR5S15~TAR5S50
2000-10-30
1/22
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TAR5S15, TAR5S18, TAR5S20, TAR5S21, TAR5S22, TAR5S23,
TAR5S25, TAR5S27, TAR5S28, TAR5S29, TAR5S30, TAR5S31,
TAR5S32, TAR5S33, TAR5S35, TAR5S45, TAR5S48, TAR5S50
Point Regulators (Low-Dropout Regulator)
The TAR5Sxx Series is comprised of general-purpose bipolar
single-power-supply devices incorporating a control pin which can
be used to turn them ON/OFF.
Overtemperature and overcurrent protection circuits are built
into the devices’ output circuit.
Features
• Low stand-by current
• Overtemperature/overcurrent protection
• Operation voltage range is wide.
• Maximum output current is high.
• Difference between input voltage and output voltage is low.
• Small package.
• Ceramic capacitors can be used.
Pin Assignments (top view)
Overtemperature protection and overcurrent protection functions are not necessary guarantee of operating
ratings below the maximum ratings.
Do not use devices under conditions in which their maximum ratings will be exceeded.
Weight: 0.014 g (typ.)
1
3
2
VIN
NOISE
4
GND
VOUT
CONTROL
5
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the
buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and
to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or
damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the
most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling
Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy
control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
• The products described in this document are subject to the foreign exchange and foreign trade laws.
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
• The information contained herein is subject to change without notice.
000707EBA1


Similar Part No. - TAR5S27

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5S27 TOSHIBA-TAR5S27 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5S27U TOSHIBA-TAR5S27U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
More results

Similar Description - TAR5S27

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com