Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6703MFX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6703MFX
Description  1.2 GHz, Low Distortion Op Amp with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6703MFX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6703MFX Datasheet HTML 5Page - National Semiconductor (TI) LMH6703MFX Datasheet HTML 6Page - National Semiconductor (TI) LMH6703MFX Datasheet HTML 7Page - National Semiconductor (TI) LMH6703MFX Datasheet HTML 8Page - National Semiconductor (TI) LMH6703MFX Datasheet HTML 9Page - National Semiconductor (TI) LMH6703MFX Datasheet HTML 10Page - National Semiconductor (TI) LMH6703MFX Datasheet HTML 11Page - National Semiconductor (TI) LMH6703MFX Datasheet HTML 12Page - National Semiconductor (TI) LMH6703MFX Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Section (Continued)
VIDEO PERFORMANCE
The LMH6703 has been designed to provide excellent per-
formance with production quality video signals in a wide
variety of formats such as HDTV and High Resolution VGA.
NTSC and PAL performance is nearly flawless with DG of
0.01% and DP of 0.02˚. Best performance will be obtained
with back terminated loads. The back termination reduces
reflections from the transmission line and effectively masks
transmission line and other parasitic capacitance from the
amplifier output stage. Figure 5 shows a typical configuration
for driving 75
Ω cable. The amplifier is configured for a gain of
two compensating for the 6 dB loss due to R
OUT.
ENABLE/DISABLE
For ±5V supplies only the LMH6703 has a TTL logic com-
patible disable function. Apply a logic low (<.8V) to the SD
pin and the LMH6703 is disabled. Apply a logic high (>2.0V),
or let the pin float and the LMH6703 is enabled. Voltage, not
current, at the Shutdown pin (SD) determines the enable/
disable state. Care must be exercised to prevent the shut-
down pin voltage from going more than 0.8V below the
midpoint of the supply voltages (0V with split supplies, V
+/2
with single supply biasing). Doing so could cause transistor
Q1 to Zener resulting in damage to the disable circuit (See
Figure 6). The core amplifier is unaffected by this, but the
shutdown operation could become permanently slower as a
result.
Disabled, the LMH6703 inputs and output become high im-
pedances. While disabled the LMH6703 quiescent current is
approximately 200 µA. Because of the pull up resistor on the
shutdown circuit, the I
CC and IEE currents (positive and
negative supply currents respectively) are not balanced in
the disabled state. The positive supply current (I
CC)isap-
proximately 300 µA while the negative supply current (I
EE)is
only 200 µA. The remaining I
EE current of 100 µA flows
through the shutdown pin.
The disable function can be used to create analog switches
or multiplexers. Implement a single analog switch with one
LMH6703 positioned between an input and output. Create
an analog multiplexer with several LMH6703’s and tie the
outputs together.
20110633
FIGURE 5. Typical Video Application
20110637
FIGURE 6. SD Pin Simplified Schematic
(SOT23 Pinout Shown)
www.national.com
11


Similar Part No. - LMH6703MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6703MFX/NOPB TI1-LMH6703MFX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
More results

Similar Description - LMH6703MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6703 TI1-LMH6703_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com