Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC100DD4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCC100DD4
Description  Pressure Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCC100DD4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCC100DD4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCC100DD4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCC100DD4 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCC100DD4 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCC100DD4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCC SERIES
Pressure Sensors
January 1998/040
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
provided for electrical connection to the
button package. The TO can and the DIP
offer a 5-pin open bridge configuration.
FEATURES
· 0 - 5 to 0 - 300 psi
· Low Cost Sensor Element
· Internal Temperature
Compensation
· Differential, Gage and
Absolute
APPLICATIONS
· Pneumatic Controls
· Automotive Diagnostics
· Medical Equipment
· Dental Equipment
· Environmental Controls
EQUIVALENT CIRCUIT
Button Sensor or "N" Package
(Open Bridge)
TO Can or DIP Package
GENERAL DESCRIPTION
The SCC series offer an extremely low
cost sensor element with a temperature
stable output when driven with a constant
current source. These integrated circuit
sen-sors were designed for extremely cost
sensitive applications where precise
accuracy over a wide temperature range
is not required. This series is intended for
use with non-corrosive, non-ionic working
fluids such as air and dry gases.
Absolute devices have an internal vacuum
reference and an output voltage proportio-
nal to applied pressure. The differential
devices allow application of pressure to
either side of the diaphragm and the devices
are thereby available to measure both dif-
ferential and/or gage pressures.
This product is packaged either in
SenSym´s standard low cost chip carrier
"button" package, a plastic ported "N"
package, a metal package or a dual inline
package (DIP). All packages are designed
for applications where the sensing element
is to be integral to the OEM equipment. The-
se packages can be O-ring sealed, epoxied,
and/or clamped onto a pressure fitting. A
closed bridge four-pin SIP configuration is
ELECTRICAL CONNECTIONS
+VS 3
out - 4
1
GND
out + 2
SCC..
TO Can
Button Sensor
(buttom view)
SCCxxxGD2
SCCxxxAD2
DIP
DIP
SCCxxxD4
DIP
+Vs
4
vent hole
out -
+Vs
1
out +
GND
4
out +
+Vs
1
out -
GND
+Vs
P1
GND
out -
1
out +
4
+Vs
P2
+Vs
Vs
-
Output
+
Output
Vs
+
-
Scale:
1cm
½ inch
The polarity indicated is for pressure applied to
SCC.../SCC...N
:
P1
(forward gage)
SCC...GD2
:
P2
(backward gage)
SCC...ASO/GSO
:
P1
(forward gage)
SCC...AD2
:
P1
(forward gage)
SCC...DD4
:
P2
(backward gage)


Similar Part No. - SCC100DD4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SCC100DD4 SENSORTECHNICS-SCC100DD4 Datasheet
103Kb / 5P
   Pressure sensors
logo
Honeywell Accelerometer...
SCC100DD4 HONEYWELL-ACC-SCC100DD4 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
More results

Similar Description - SCC100DD4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com