Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1017-3.0VCT Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1017-3.0VCT
Description  150 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-3.0VCT Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1017-3.0VCT Datasheet HTML 2Page - Microchip Technology TC1017-3.0VCT Datasheet HTML 3Page - Microchip Technology TC1017-3.0VCT Datasheet HTML 4Page - Microchip Technology TC1017-3.0VCT Datasheet HTML 5Page - Microchip Technology TC1017-3.0VCT Datasheet HTML 6Page - Microchip Technology TC1017-3.0VCT Datasheet HTML 7Page - Microchip Technology TC1017-3.0VCT Datasheet HTML 8Page - Microchip Technology TC1017-3.0VCT Datasheet HTML 9Page - Microchip Technology TC1017-3.0VCT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC1017
DS21813B-page 6
 2003 Microchip Technology Inc.
Note: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-13:
Output Voltage vs. Output
Current.
FIGURE 2-14:
Shutdown Current vs. Input
Voltage.
FIGURE 2-15:
Power Supply Rejection
Ratio vs. Frequency.
FIGURE 2-16:
Output Voltage vs.
Temperature.
FIGURE 2-17:
Output Noise vs. Frequency.
FIGURE 2-18:
Power Supply Rejection
Ratio vs. Frequency.
2.854
2.856
2.858
2.860
2.862
2.864
2.866
2.868
2.870
0
25
50
75
100
125
150
Load Current (mA)
VIN = 3.85V
VIN = 6.0V
VOUT = 2.85V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
TA = +25°C
TA = +125°C
VOUT = 2.85V
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VINDC = 3.85V
VINAC = 100 mVp-p
VOUTDC = 2.85V
IOUT = 100 µA
COUT =1 µFX7R Ceramic
2.862
2.863
2.864
2.865
2.866
2.867
2.868
2.869
-40
-15
10
35
60
85
110
Temperature (°C)
VIN = 3.3V
VIN= 3.85V
VIN = 6.0V
VOUT = 2.85V
0.01
0.1
1
10
100
10
100
1000
10000
100000 1000000
Frequency (Hz)
VIN = 3.85V
VOUT = 2.85V
CIN = 1 F
COUT = 1 F
IOUT = 40 mA
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VINDC = 3.85V
VINAC = 100 mVp-p
VOUTDC = 2.85V
IOUT =1mA
COUT =1 µFX7R Ceramic


Similar Part No. - TC1017-3.0VCT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1017-3.0VCT MICROCHIP-TC1017-3.0VCT Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

Similar Description - TC1017-3.0VCT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-5002I MICROCHIP-MCP1804T-5002I Datasheet
545Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
03/26/09
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com