Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATT3064-100S68I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATT3064-100S68I
Description  Field-Programmable Gate Arrays
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3064-100S68I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATT3064-100S68I Datasheet HTML 1Page - List of Unclassifed Manufacturers ATT3064-100S68I Datasheet HTML 2Page - List of Unclassifed Manufacturers ATT3064-100S68I Datasheet HTML 3Page - List of Unclassifed Manufacturers ATT3064-100S68I Datasheet HTML 4Page - List of Unclassifed Manufacturers ATT3064-100S68I Datasheet HTML 5Page - List of Unclassifed Manufacturers ATT3064-100S68I Datasheet HTML 6Page - List of Unclassifed Manufacturers ATT3064-100S68I Datasheet HTML 7Page - List of Unclassifed Manufacturers ATT3064-100S68I Datasheet HTML 8Page - List of Unclassifed Manufacturers ATT3064-100S68I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Data Sheet
February 1997
ATT3000 Series Field-Programmable Gate Arrays
Lucent Technologies Inc.
5
I/O Block
Each user-configurable I/O block (IOB), shown in
Figure 3, provides an interface between the external
package pin of the device and the internal user logic.
Each IOB includes both registered and direct input
paths and a programmable 3-state output buffer which
may be driven by a registered or direct output signal.
Configuration options allow each IOB an inversion, a
controlled slew rate, and a high-impedance pull-up.
Each input circuit also provides input clamping diodes
to provide electrostatic protection and circuits to inhibit
latch-up produced by input currents.
The input buffer portion of each IOB provides threshold
detection to translate external signals applied to the
package pin to internal logic levels. The global input-
buffer threshold of the IOB can be programmed to be
compatible with either TTL or CMOS levels. The buff-
ered input signal drives the data input of a storage
element which may be configured as a positive-edge
triggered D flip-flop or a low-level transparent latch. The
sense of the clock can be inverted (negative edge/high
transparent) as long as all IOBs on the same clock net
use the same clock sense. Clock/load signals (IOB pins
.ik and .ok) can be selected from either of two die edge
metal lines. I/O storage elements are reset during con-
figuration or by the active-low chip RESET input. Both
direct input (from IOB pin .i) and registered input (from
IOB pin .q) signals are available for interconnect.
Figure 3. Input/Output Block
5-3102(F)
OUT
INVERT
3-STATE
INVERT
OUTPUT
SELECT
SLEW
RATE
PASSIVE
PULL UP
PROGRAM-CONTROLLED MEMORY CELLS
VCC
OUTPUT
BUFFER
FLIP-
FLOP
D
Q
R
TTL OR
CMOS
INPUT
THRESHOLD
FLIP-
FLOP
Q
D
R
OR
LATCH
.lk
.t
= PROGRAMMABLE INTERCONNECTION POINT OR PIP
CK2
(GLOBAL RESET)
I/O PAD
.o
.i
.q
3-STATE
OUT
DIRECT IN
REGISTERED IN
CK1
PROGRAM-
CONTROLLED
MULTIPLEXER
OUTPUT ENABLE
.ok


Similar Part No. - ATT3064-100S68I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATT3209 ETC1-ATT3209 Datasheet
637Kb / 10P
   Temperature Compensating Gamma Trimster TM ATT3209
More results

Similar Description - ATT3064-100S68I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com