Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH88N15 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH88N15
Description  High Current Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH88N15 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH88N15 Datasheet HTML 1Page - IXYS Corporation IXTH88N15 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
150
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
150
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C88
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
352
A
I
AR
T
C
= 25
°C88
A
E
AR
T
C
= 25
°C50
mJ
E
AS
T
C
= 25
°C
1.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
400
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
TO-247 AD
6
g
TO-268
4
g
TO-247 AD (IXTH)
G = Gate
D = Drain
S = Source
TAB = Drain
(TAB)
DS99034(04/03)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
150
V
V
GS(th)
V
DS = VGS, ID = 250µA
2.0
4.0
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C25
µA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
22
m
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
TO-268 (IXTT) Case Style
(TAB)
G
S
High Current
Power MOSFET
IXTH 88N15
V
DSS
=
150
V
IXTT 88N15
I
D25
=
88
A
R
DS(on)
=
22
m
Advance Technical Information
N-Channel Enhancement Mode
Features
International standard packages
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density


Similar Part No. - IXTH88N15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH88N15 ISC-IXTH88N15 Datasheet
380Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH88N15

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN58N50 IXYS-IXTN58N50 Datasheet
53Kb / 2P
   High Current Power MOSFET
IXFN58N50 IXYS-IXFN58N50 Datasheet
38Kb / 2P
   High Current Power MOSFET
IXTQ40N50Q IXYS-IXTQ40N50Q Datasheet
561Kb / 4P
   High Current Power MOSFET Q-Class
IXTH50N30 IXYS-IXTH50N30 Datasheet
587Kb / 4P
   Advance Technical Information High Current Power MOSFET
IXTH75N15 IXYS-IXTH75N15 Datasheet
589Kb / 5P
   High Current Power MOSFET N-Channel Enhancement Mode
logo
Harris Corporation
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
   High Current MOSFET Driver
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
   High Current MOSFET Driver
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
   High current MOSFET driver
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
   High current MOSFET driver
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
   High current MOSFET driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com