Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATT3090-190T68I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATT3090-190T68I
Description  Field-Programmable Gate Arrays
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3090-190T68I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATT3090-190T68I Datasheet HTML 1Page - List of Unclassifed Manufacturers ATT3090-190T68I Datasheet HTML 2Page - List of Unclassifed Manufacturers ATT3090-190T68I Datasheet HTML 3Page - List of Unclassifed Manufacturers ATT3090-190T68I Datasheet HTML 4Page - List of Unclassifed Manufacturers ATT3090-190T68I Datasheet HTML 5Page - List of Unclassifed Manufacturers ATT3090-190T68I Datasheet HTML 6Page - List of Unclassifed Manufacturers ATT3090-190T68I Datasheet HTML 7Page - List of Unclassifed Manufacturers ATT3090-190T68I Datasheet HTML 8Page - List of Unclassifed Manufacturers ATT3090-190T68I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Data Sheet
February 1997
ATT3000 Series Field-Programmable Gate Arrays
Features
s
High performance:
— Up to 270 MHz toggle rates
— 4-input LUT delays <2.7 ns
s
User-programmable gate arrays
— Unlimited reprogrammability
— Easy design iteration through in-system
logic changes
s
Flexible array architecture:
— Compatible arrays ranging from 1500 to
6000 gate logic complexity
— Extensive register, combinatorial, and I/O
capabilities
— Low-skew clock nets
— High fan-out signal distribution
— Internal 3-state bus capabilities
— TTL or CMOS input thresholds
— On-chip oscillator amplifier
s
Standard product availability:
— Low-power 0.55 µm CMOS, static memory
technology
— Pin-for-pin compatible with Xilinx* XC3000*
and XC3100* families
— Cost-effective for volume production
— 100% factory pretested
— Selectable configuration modes
s
ORCA™ Foundry for ATT3000 Development
System support
s
All FPGAs processed on a QML-certified line
s
Extensive packaging options
Description
The CMOS ATT3000 Series Field-Programmable
Gate Array (FPGA) family provides a group of high-
density, digital integrated circuits. Their regular,
extendable, flexible, user-programmable array
architecture is composed of a configuration program
store plus three types of configurable elements: a
perimeter of I/O blocks, a core array of logic blocks,
and resources for interconnection. The general struc-
ture of an FPGA is shown in Figure 1.
The ORCA Foundry for ATT3000 Development Sys-
tem provides automatic place and route of netlists.
Logic and timing simulation are available as design
verification alternatives. The design editor is used for
interactive design optimization and to compile the
data pattern that represents the configuration pro-
gram.
The FPGA’s user-logic functions and interconnec-
tions are determined by the configuration program
data stored in internal static memory cells. The pro-
gram can be loaded in any of several modes to
accommodate various system requirements. The
program data resides externally in an EEPROM,
EPROM, or ROM on the application circuit board, or
on a floppy disk or hard disk. On-chip initialization
logic provides for optional automatic loading of pro-
gram data at powerup. A serial configuration PROM
can provide a very simple serial configuration pro-
gram storage.
*
Xilinx, XC3000, and XC3100 are registered trademarks of
Xilinx, Inc.
Table 1. ATT3000 Series FPGAs
FPGA
Max
Logic
Gates
Typical Gate
Range
Configurable
Logic
Blocks
Array
User I/Os
Max
Flip-
Flops
Horizontal
Long Lines
Configuration
Data Bits
ATT3020
1,500
1,000—1,500
64
8 x 8
64
256
16
14,779
ATT3030
2,000
1,500—2,000
100
10 x 10
80
360
20
22,176
ATT3042
3,000
2,000—3,000
144
12 x 12
96
480
24
30,784
ATT3064
4,500
3,500—4,500
224
16 x 14
120
688
32
46,064
ATT3090
6,000
5,000—6,000
320
20 x 16
144
928
40
64,160


Similar Part No. - ATT3090-190T68I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATT3209 ETC1-ATT3209 Datasheet
637Kb / 10P
   Temperature Compensating Gamma Trimster TM ATT3209
More results

Similar Description - ATT3090-190T68I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com