Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATT3020-50H84I Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ATT3020-50H84I
Description  Field-Programmable Gate Arrays
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3020-50H84I Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ATT3020-50H84I Datasheet HTML 4Page - List of Unclassifed Manufacturers ATT3020-50H84I Datasheet HTML 5Page - List of Unclassifed Manufacturers ATT3020-50H84I Datasheet HTML 6Page - List of Unclassifed Manufacturers ATT3020-50H84I Datasheet HTML 7Page - List of Unclassifed Manufacturers ATT3020-50H84I Datasheet HTML 8Page - List of Unclassifed Manufacturers ATT3020-50H84I Datasheet HTML 9Page - List of Unclassifed Manufacturers ATT3020-50H84I Datasheet HTML 10Page - List of Unclassifed Manufacturers ATT3020-50H84I Datasheet HTML 11Page - List of Unclassifed Manufacturers ATT3020-50H84I Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
Data Sheet
ATT3000 Series Field-Programmable Gate Arrays
February 1997
8
Lucent Technologies Inc.
Configurable Logic Block (continued)
5A. Combinatorial Logic Option 1 generates two functions of four
variables each. One variable, A, must be common to both func-
tions. The second and third variables can be any choice among
B, C, Qx, and Qy. The fourth variable can be either D or E.
5B. Combinatorial Logic Option 2 generates any function of five
variables: A, D, E, and two choices among B, C, Qx, Qy.
5C. Combinatorial Logic Option 3 allows variable E to select
between two functions of four variables: both have common
inputs, A and D, and any choice among B, C, Qx, and Qy for
the remaining two variables. Option 3 can then implement
some functions of six or seven variables.
Figure 5. Combinatorial Logic Diagram
Figure 6 shows a modulo 8 binary counter with parallel
enable. It uses one CLB of each type. The partial func-
tions of six or seven variables are implemented by
using the input variable (.e) to dynamically select
between two functions of four different variables. For
the two functions of four variables each, the indepen-
dent results (F and G) may be used as data inputs to
either flip-flop or logic block output. For the single func-
tion of five variables and merged functions of six or
seven variables, the F and G outputs are identical.
Symmetry of the F and G functions and the flip-flops
allows the interchange of CLB outputs to optimize
routing efficiencies of the networks interconnecting
the logic and IOBs.
Figure 6. C8BCP Macro
A
B
C
D
E
QX
QY
ANY FUNCTION
OF UP TO 4
VARIABLES
F
ANY FUNCTION
OF UP TO 4
VARIABLES
G
QY
QX
A
B
C
D
E
ANY FUNCTION
OF 5
VARIABLES
A
B
C
D
E
QX
QY
F
G
A
B
C
D
QX
QY
A
B
C
D
E
QX
QY
F
G
ANY FUNCTION
OF UP TO 4
VARIABLES
ANY FUNCTION
OF UP TO 4
VARIABLES
M
U
X
5A
5B
5C
5-3104(F)
CLOCK
PARALLEL
CLOCK
TERMINAL
COUNT
D0
Q0
D
Q
Q1
D1
D2
Q2
D
Q
FUNCTION OF 6 VARIABLES
D
Q
FUNCTION OF 5 VARIABLES
DUAL FUNCTION OF
ENABLE
ENABLE
4 VARIABLES
5-3105(F)


Similar Part No. - ATT3020-50H84I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATT3209 ETC1-ATT3209 Datasheet
637Kb / 10P
   Temperature Compensating Gamma Trimster TM ATT3209
More results

Similar Description - ATT3020-50H84I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com