Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI100SC-120 Datasheet(PDF) 2 Page - Fuji Electric

Part # 2MBI100SC-120
Description  1200V / 100A 2 in one-package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI100SC-120 Datasheet(HTML) 2 Page - Fuji Electric

  2MBI100SC-120 Datasheet HTML 1Page - Fuji Electric 2MBI100SC-120 Datasheet HTML 2Page - Fuji Electric 2MBI100SC-120 Datasheet HTML 3Page - Fuji Electric 2MBI100SC-120 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2MBI100SC-120
IGBT Module
Characteristics (Representative)
01
23
45
0
50
100
150
200
250
8V
10V
12V
15V
VGE= 20V
Collector current vs. Collector-Emiiter voltage
Tj= 25°C (typ.)
Collector - Emitter voltage : VCE [ V ]
0
1
23
45
0
50
100
150
200
250
8V
10V
12V
15V
VGE= 20V
Collector current vs. Collector-Emiiter voltage
Tj= 125°C (typ.)
Collector - Emitter voltage : VCE [ V ]
01
23
45
0
50
100
150
200
250
Tj= 25°C
Tj= 125°C
Collector current vs. Collector-Emiiter voltage
VGE=15V (typ.)
Collector - Emitter voltage : VCE [ V ]
5
10
152025
0
2
4
6
8
10
Ic=50A
Ic= 100A
Ic= 200A
Collector-Emiiter voltage vs. Gate-Emitter voltage
Tj= 25°C (typ.)
Gate - Emitter voltage : VGE [ V ]
0
5
10
15
20
25
30
35
100
1000
5000
10000
50000
Capacitance vs. Collector-Emiiter voltage (typ.)
VGE=0V, f= 1MHz, Tj= 25°C
Collector - Emitter voltage : VCE [ V ]
Coes
Cres
Cies
0
200
400
600
800
1000
0
200
400
600
800
1000
Dynamic Gate charge (typ.)
Vcc=600V, Ic=100A, Tj= 25°C
Gate charge : Qg [ nC ]
0
5
10
15
20
25


Similar Part No. - 2MBI100SC-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI100S-120 FUJI-2MBI100S-120 Datasheet
318Kb / 6P
   IGBT MODULE
More results

Similar Description - 2MBI100SC-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
   1200V / 100A 6 in one-package
2MBI100VA-120-50 FUJI-2MBI100VA-120-50 Datasheet
470Kb / 6P
   IGBT MODULE (V series) 1200V / 100A / 2 in one package
2MBI100HB-120-50 FUJI-2MBI100HB-120-50 Datasheet
531Kb / 6P
   HIGH SPEED IGBT MODULE 1200V / 100A / 2 in one package
logo
List of Unclassifed Man...
2MBI200S-120 ETC2-2MBI200S-120 Datasheet
499Kb / 4P
   1200V / 200A 2 in one-package
logo
Fuji Electric
2MBI200-120-01 FUJI-2MBI200-120-01 Datasheet
195Kb / 4P
   1200V / 200A 2 in one-package
logo
KEC(Korea Electronics)
GM200HB12CT KEC-GM200HB12CT Datasheet
420Kb / 3P
   1200V/200A 2 IN ONE PACKAGE
logo
Fuji Electric
2MBI300S-120 FUJI-2MBI300S-120 Datasheet
853Kb / 4P
   1200V / 300A 2 in one-package
2MBI200NB-120-01 FUJI-2MBI200NB-120-01 Datasheet
199Kb / 4P
   1200V / 200A 2 in one-package
2MBI200S-120 FUJI-2MBI200S-120 Datasheet
499Kb / 4P
   1200V / 200A 2 in one-package
2MBI300N-120-01 FUJI-2MBI300N-120-01 Datasheet
278Kb / 4P
   1200V / 300A 2 in one-package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com