Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA1885-2 Datasheet(PDF) 7 Page - PCA ELECTRONICS INC.

Part # EPA1885-2
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1885-2 Datasheet(HTML) 7 Page - PCA ELECTRONICS INC.

Back Button EPA1885-2 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPA1885-2 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPA1885-2 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPA1885-2 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPA1885-2 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPA1885-2 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPA1885-2 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPA1885-2 Datasheet HTML 10Page - PCA ELECTRONICS INC. EPA1885-2 Datasheet HTML 11Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
Isolation Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Level One LXT915
• Four Receiver Channel in one small Outline Package
• Robust design allows for toughest soldering processes
• Complies with or exceeds IEEE802.3, 10Base- T Requirements
Schematic
EPE6009S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6009S
Rev. 1
5/6/03
.050
(1.27)
.018/.022
(.457/.559)
.220
(5.59)
.010/.015
(.254/.381)
.360
(9.14)
0°-8°
.035
(.889)
.008/.012
(.203/.305)
PCA
EPE6009S
Date Code
.450
(11.43)
.250
(6.35)
.050
(1.27)
.350
(8.89)
Solder Pad
Layout
.400
(10.16)
.050
(1.27)
.030
(.762)
.055
(1.40)
Pin 1
I.D.
Hipot
(Vrms)
1500
DCR
(
Ω Max.)
0.350
10
Interwinding Capitance
(pF Max.)
@ 100 KHz, 0.1Vrms
.15 @Pri.
@ 100 KHz, 0.1Vrms
Leakage Inductance
(µH Min.)
Secondary Inductance
(µH Min.)
@ 100 KHz, 0.1Vrms
200
15
16
2
1
13
14
4
3
11
12
6
5
9
10
8
7
Pri.
Sec.
Pri.
Sec.
Pri.
Sec.
Pri.
Sec.
1:1
1:1
1:1
1:1


Similar Part No. - EPA1885-2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1885-2 PCA-EPA1885-2 Datasheet
24Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EPA1885-2-RC PCA-EPA1885-2-RC Datasheet
24Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
More results

Similar Description - EPA1885-2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1829BG-RC PCA-EPA1829BG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6030G PCA-EPE6030G Datasheet
155Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829AG-RC PCA-EPA1829AG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6313SE PCA-EPE6313SE_09 Datasheet
70Kb / 1P
   Miniature 10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829A PCA-EPA1829A Datasheet
38Kb / 1P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829H PCA-EPA1829H Datasheet
66Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829B PCA-EPA1829B Datasheet
66Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA2852 PCA-EPA2852 Datasheet
32Kb / 1P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6098 PCA-EPE6098 Datasheet
65Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6362G PCA-EPE6362G Datasheet
43Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com