Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1520S Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1520S
Description  PWM Control 2A Step-Down Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1520S Datasheet(HTML) 4 Page - Anachip Corp

  AP1520S Datasheet HTML 1Page - Anachip Corp AP1520S Datasheet HTML 2Page - Anachip Corp AP1520S Datasheet HTML 3Page - Anachip Corp AP1520S Datasheet HTML 4Page - Anachip Corp AP1520S Datasheet HTML 5Page - Anachip Corp AP1520S Datasheet HTML 6Page - Anachip Corp AP1520S Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP1520
PWM Control 2A Step-Down Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.5 Apr 10, 2006
4/7
Typical Performance Characteristics
AP1520 Vin v.s. Frequency
(Vout=3.3V; Iout=0.2A)
310
315
320
325
330
335
340
345
350
3.6
4
6
8
10
12
14
16
18
Vin (V)
AP1520 Vin v.s. FB
(Vout=3.3V; Iout=0.2A)
0.74
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
3.6
4
6
8
10
12
14
16
18
Vin (V)
AP1520 Line Regulation
(Vin=12V; Iout=0.2A)
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.6
4
6
8
10
12
14
16
18
Vin (V)
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
5.10
0.0
1.0
2.0
3.0
4.0
Iout (A)
AP1520 Load Regulation
(Vin=12V)
AP1520 Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
Iout (A)
Vout:5.0V
Vout:3.3V
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1520


Similar Part No. - AP1520S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1520S DIODES-AP1520S Datasheet
259Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1520SG-13 DIODES-AP1520SG-13 Datasheet
249Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 5
AP1520SG-13 DIODES-AP1520SG-13 Datasheet
519Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520SL-13 DIODES-AP1520SL-13 Datasheet
259Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1520SL-13 DIODES-AP1520SL-13 Datasheet
249Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 5
More results

Similar Description - AP1520S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
   PWM Control 2A Step-Down Converter
Rev. 1.02
logo
FOSLINK SEMICONDUCTOR C...
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
   PWM Control 2A Step-Down Converter
logo
Diodes Incorporated
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com