Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8855-16PH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS8855-16PH
Description  500mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-16PH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS8855-16PH Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8855-16PH Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8855-16PH Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-16PH Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-16PH Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-16PH Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-16PH Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-16PH Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-16PH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
3/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
P
Piin
n D
Deessccrriip
pttiioon
n
Part NO.
Symbol
Description
GND
Ground pin.
IN
Regulator input pin.
FS8855-xxCD
FS8855-xxCE
FS8855-xxCF
FS8855-xxCW
FS8855-xxCG
FS8855-xxCH
FS8855-xxCJ
FS8855-xxCX
FS8855-xxCK
FS8855-xxCL
FS8855-xxCI
FS8855-xxCY
OUT
Regulator output pin.
IN is the regulator input pin. Supply voltage can range from 2.5V to 9.0V. Bypass with a 1µF capacitor to
GND.
OUT is the output voltage pin. Sources up to 500mA. Bypass with a 3.3µF capacitor to GND.
GND provides the reference for all voltages.
F
Fu
un
nccttiioon
naall B
Blloocck
k D
Diiaaggrraam
m
1.25V
Bandgap
Reference
Thermal
Protection
Current Limit
R2
R1
Shutdown
Logic
IN
GND
OUT


Similar Part No. - FS8855-16PH

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8855-15GI FORTUNE-FS8855-15GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-15GL FORTUNE-FS8855-15GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-18GI FORTUNE-FS8855-18GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-18GL FORTUNE-FS8855-18GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results

Similar Description - FS8855-16PH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
Monolithic Power System...
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com