Part Name
         Description
CY7C1338

 128K x 32 Synchronous-Flow-Through 3.3V Cache RAM ( 16 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 3 page
background image
CY7C1338
3
Pin Descriptions
Pin Number
Name
I/O
Description
85
ADSC
Input-
Synchronous
Address Strobe from Controller, sampled on the rising edge of CLK. When asserted
LOW, A[16:0] is captured in the address registers. A[1:0] are also loaded into the burst
counter. When ADSP and ADSC are both asserted, only ADSP is recognized.
84
ADSP
Input-
Synchronous
Address Strobe from Processor, sampled on the rising edge of CLK. When asserted
LOW, A[16:0] is captured in the address registers. A[1:0] are also loaded into the burst
counter. When ADSP and ADSC are both asserted, only ADSP is recognized. ASDP
is ignored when CE1 is deasserted HIGH.
36, 37
A[1:0]
Input-
Synchronous
A1, A0 Address Inputs. These inputs feed the on-chip burst counter as the LSBs as
well as being used to access a particular memory location in the memory array.
49
−44,
81–82,
99–100,
32–35
A[16:2]
Input-
Synchronous
Address Inputs used in conjunction with A[1:0] to select one of the 64K address loca-
tions. Sampled at the rising edge of the CLK, if CE1, CE2, and CE3 are sampled active,
and ADSP or ADSC is active LOW.
96–93
BW[3:0]
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes.
Sampled on the rising edge. BW0 controls DQ[7:0] and DP0, BW1 controls DQ[15:8] and
DP1, BW2 controls DQ[23:16] and DP2, and BW3 controls DQ[31:24] and DP3. See Write
Cycle Descriptions table for further details.
83
ADV
Input-
Synchronous
Advance Input used to advance the on-chip address counter. When LOW the internal
burst counter is advanced in a burst sequence. The burst sequence is selected using
the MODE input.
87
BWE
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This signal
must be asserted LOW to conduct a byte write.
88
GW
Input-
Synchronous
Global Write Input, active LOW. Sampled on the rising edge of CLK. This signal is
used to conduct a global write, independent of the state of BWE and BW[3:0]. Global
writes override byte writes.
89
CLK
Input-Clock
Clock Input. Used to capture all synchronous inputs to the device.
98
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in con-
junction with CE2 and CE3 to select/deselect the device. CE1 gates ADSP.
97
CE2
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in con-
junction with CE1 and CE3 to select/deselect the device.
92
CE3
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in con-
junction with CE1 and CE2 to select/deselect the device.
86
OE
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Controls the direction of the I/O pins.
When LOW, the I/O pins behave as outputs. When deasserted HIGH, I/O pins are
three-stated, and act as input data pins.
64
ZZ
Input-
Asynchronous
Snooze Input. Active HIGH asynchronous. When HIGH, the device enters a low-power
standby mode in which all other inputs are ignored, but the data in the memory array
is maintained. Leaving ZZ floating or NC will default the device into an active state.
ZZ pin has an internal pull-down.
31
MODE
-
Mode Input. Selects the burst order of the device. Tied HIGH selects the interleaved
burst order. Pulled LOW selects the linear burst order. When left floating or NC, de-
faults to interleaved burst order. Mode pin has an internal pull-up.
29–28,
25–22,
19–18,
13–12, 9–6,
3–2, 79–78,
75–72,
69–68,
63–62,
59–56,
53–52
DQ[31:0] I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is
triggered by the rising edge of CLK. As outputs, they deliver the data contained in the
memory location specified by A[16:0] during the previous clock rise of the read cycle.
The direction of the pins is controlled by OE in conjunction with the internal control
logic. When OE is asserted LOW, the pins behave as outputs. When HIGH, DQ[31:0]
and DP[3:0] are placed in a three-state condition. The outputs are automatically
three-stated when a WRITE cycle is detected.
15, 41, 65,
91
VDD
Power Supply
Power supply inputs to the core of the device. Should be connected to 3.3V power
supply.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IS41C16128128K x 16 2-MBIT DYNAMIC RAM WITH EDO PAGE MODE 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS62LV12816BLL128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IDT709199LHIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 1 2 3 4 5 MoreIntegrated Device Technology
IS41LV32256256K x 32 8-Mbit EDO DYNAMIC RAM 3.3V 100/83/66 MHz 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
NB4N4413.3V Serial Input MultiProtocol PLL Clock Synthesizer Differential LVPECL Output 1 2 3 4 5 MoreON Semiconductor
HM514170D262 144-word x 16-bit Dynamic RAM 1 2 3 4 5 MoreHitachi Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
NB4N527S3.3V 2.5Gb/s Dual AnyLevel™ to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination 1 2 3 4 5 MoreON Semiconductor
P87LPC778CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM 8 kB OTP 1 2 3 4 5 MoreNXP Semiconductors
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl