Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSMIA832 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSMIA832
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 5Page - STMicroelectronics STSMIA832 Datasheet HTML 6Page - STMicroelectronics STSMIA832 Datasheet HTML 7Page - STMicroelectronics STSMIA832 Datasheet HTML 8Page - STMicroelectronics STSMIA832 Datasheet HTML 9Page - STMicroelectronics STSMIA832 Datasheet HTML 10Page - STMicroelectronics STSMIA832 Datasheet HTML 11Page - STMicroelectronics STSMIA832 Datasheet HTML 12Page - STMicroelectronics STSMIA832 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
STSMIA832
Application information
9/23
3
Application information
3.1
Inputs
Technological advancements in deeper submicron processes have lowered the supply
voltage levels of semiconductor devices, creating a design environment where system
board devices may potentially use many different supply voltages, which can ultimately lead
to voltage conflicts. However, STSMIA832 device has been designed to work with a 3.6V
input tolerance. This implies that all input pins (differential inputs and control inputs) can be
connected to 3.6V logic or bus even when power to the device is only 1.8V. The device
would not be damaged.
3.2
Power down mode
STSMIA832 comes equipped with a Power Down mode that permits an exceptionally low
level of power consumption (ISOFF = 10 µA maximum), making the device ideal for portable
battery-powered applications as well as for designs with tight thermal budgets.
The low quiescent supply current possible with Power Down mode is especially useful for
products that must use power as efficiently as possible. Low power offers additional benefits
such as low operating temperature, low cost packages and high device reliability. The
device saves significant quiescent power while internal functions are temporarily
suspended.
The activation and de-activation of the power down mode is controlled by the EN pin. The
mode becomes active once a low-level pulse is applied to the EN pin. The maximum
quiescent supply current gets reduced to ISOFF = 10 µA maximum. Power Down mode is
initiated by applying a low-level pulse to the EN input of STSMIA832 device. The device
remains in a DC state, drawing minimal power, until EN goes High, at which point it returns
to full operation.
The power saving in the Power Down Mode is obtained by employing the following
techniques:
Figure 8.
STSMIA832 Power down mode


Similar Part No. - STSMIA832

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STSM-31-N BOURNS-STSM-31-N Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-NTR BOURNS-STSM-31-NTR Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-R BOURNS-STSM-31-R Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-RTR BOURNS-STSM-31-RTR Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-S BOURNS-STSM-31-S Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
More results

Similar Description - STSMIA832

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCCP27A STMICROELECTRONICS-STCCP27A Datasheet
270Kb / 19P
   1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com