Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSMIA832 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSMIA832
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 6Page - STMicroelectronics STSMIA832 Datasheet HTML 7Page - STMicroelectronics STSMIA832 Datasheet HTML 8Page - STMicroelectronics STSMIA832 Datasheet HTML 9Page - STMicroelectronics STSMIA832 Datasheet HTML 10Page - STMicroelectronics STSMIA832 Datasheet HTML 11Page - STMicroelectronics STSMIA832 Datasheet HTML 12Page - STMicroelectronics STSMIA832 Datasheet HTML 13Page - STMicroelectronics STSMIA832 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Application information
STSMIA832
10/23
3.3
Power saving at the inputs
All internal blocks of the input circuitry are shutdown by turning off the bias currents for the
subLVDS Receivers. This eliminates the power associated with any dynamic activity on the
input pins. With no pull-up and pull-down resistors, any remaining current drawn by an input
is known as leakage current (IL), which ranges from 1 µA to 4 µA typical. But care should be
taken that the driving circuit for the inputs is also switched to a known state and that there
are no transitions on the inputs when the device is in Power Down Mode.
3.4
Switching off digital blocks
To save power, all signals within the device are prevented from switching by resetting all the
digital blocks in the internal circuits. In many designs, a major portion of the total dynamic
power is due to its clock tree, which consists of all the inter-connects that distributes the
clock signal internally. Power drawn varies according to how extensive the tree is. Pulling
the clock input to a static logic level (LOW in this case) is an important way to save power,
especially as the clock frequency is high
3.5
Disabling the outputs
In the power down mode, to save the power due to transition on output flip flops, the Clock
Enable (CE) signal for all the flip-flops is used in the design. All the clock transitions are
ignored when the CE signal is inactive and so the output flip flops do not toggle. The CE
signal is activated once again when the registered outputs need to be operating under
normal conditions. All the outputs (including D1-D8) are driven LOW in the power down
state. This reset state is held as long as the device remains in Power Down mode.
Once having exited the mode, normal operation recommences from the reset state.
3.6
Load capacitance
Power dissipation is proportional to capacitance. The capacitance consists both of internal
and external capacitance. The lumped internal capacitance is associated with the power
dissipated internally by the device and depends on the device characteristics (in
STSMIA832, CIN is 4pF). The external capacitance is associated with power dissipated
outside the device and it is a function of PCB traces loading and other IC loads.
In high frequency operation, it is essential to have equal trace lengths for all the output lines
in order to minimize the skew. A reduced external capacitance leads to reduced current
consumption and also reduced rise time and fall time. The parallel output driving
capacitance in STSMIA832 is 10pF and the rise time and fall times for the LVTTL parallel
outputs are 2.2ns maximum.


Similar Part No. - STSMIA832

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STSM-31-N BOURNS-STSM-31-N Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-NTR BOURNS-STSM-31-NTR Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-R BOURNS-STSM-31-R Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-RTR BOURNS-STSM-31-RTR Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-S BOURNS-STSM-31-S Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
More results

Similar Description - STSMIA832

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCCP27A STMICROELECTRONICS-STCCP27A Datasheet
270Kb / 19P
   1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com