Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5261 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5261
Description  315-W Mono BTL Digital Amplifier Power Stage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5261 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5261 Datasheet HTML 6Page - Texas Instruments TAS5261 Datasheet HTML 7Page - Texas Instruments TAS5261 Datasheet HTML 8Page - Texas Instruments TAS5261 Datasheet HTML 9Page - Texas Instruments TAS5261 Datasheet HTML 10Page - Texas Instruments TAS5261 Datasheet HTML 11Page - Texas Instruments TAS5261 Datasheet HTML 12Page - Texas Instruments TAS5261 Datasheet HTML 13Page - Texas Instruments TAS5261 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TAS5261
SLES188 – AUGUST 2006
GVDD_x = 12 V
± 10%, VDD = 12 V ± 10%, T
J = 25°C (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Logic-Level and Open-Drain Outputs
VIH
High-level input voltage
Static
2
V
VIL
Low-level input voltage
Static
0.8
V
Static, High PWM_A, High PWM_B,
45
65
High M1, High M2, High M3
Static, Low PWM_A, Low PWM_B,
–10
10
Ilkg(1)
Input leakage current
µA
Low M1, Low M2, Low M3
Static, High RESET
20
40
Static, Low RESET
–70
–50
Internal pulldown to AGND
RINT-PD
50
k
for PWM_A and PWM_B inputs
RINT-PU
Internal pullup resistance on OTW and SD
Resistor to VREG
20
28
33
k
Internal pullup resistor
2.4
VREG
VOH
High-level output voltage
V
External pullup of 3.3 k
Ω to 5 V
2.5
4.9
VOL
Low-level output voltage
IO = 4 mA
0.4
V
FANOUT
Device fanout (OTW, SD)
External pullup to 5 V
10
Devices
(1)
Pullup and pulldown resistors affect the leakage current.
10
Submit Documentation Feedback


Similar Part No. - TAS5261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5261 TI-TAS5261_15 Datasheet
848Kb / 26P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
More results

Similar Description - TAS5261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5261 TI-TAS5261_15 Datasheet
848Kb / 26P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
   2.5 W BTL mono Class-D speaker amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com