Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6326B Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6326B
Description  4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6326B Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6326B Datasheet HTML 4Page - Intersil Corporation ISL6326B Datasheet HTML 5Page - Intersil Corporation ISL6326B Datasheet HTML 6Page - Intersil Corporation ISL6326B Datasheet HTML 7Page - Intersil Corporation ISL6326B Datasheet HTML 8Page - Intersil Corporation ISL6326B Datasheet HTML 9Page - Intersil Corporation ISL6326B Datasheet HTML 10Page - Intersil Corporation ISL6326B Datasheet HTML 11Page - Intersil Corporation ISL6326B Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
FN9286.0
April 21, 2006
Leakage Current of VR_HOT
With externally pull-up resistor connected to VCC
-
-
30
µA
VR_HOT Low Voltage
With 1.25k resistor pull-up to VCC, IVR_HOT = 4mA
-
-
0.4
V
VR READY AND PROTECTION MONITORS
Leakage Current of VR_RDY
With externally pull-up resistor connected to VCC
-
-
30
μA
VR_RDY Low Voltage
IVR_RDY = 4mA
-
-
0.4
V
Undervoltage Threshold
VDIFF Falling
48
50
52
%VID
VR_RDY Reset Voltage
VDIFF Rising
58
60
62
%VID
Overvoltage Protection Threshold
Before valid VID
1.250
1.275
1.300
V
After valid VID, the voltage above VID
150
175
200
mV
Overvoltage Protection Reset Hysteresis
-
100
-
mV
NOTES:
3. These parts are designed and adjusted for accuracy with all errors in the voltage loop included.
4. Spec guaranteed by design.
5. During soft-start, VDAC rises from 0 to 1.1V first and then ramp to VID voltage after receiving valid VID.
6. Soft-start ramp rate is determined by the adjustable soft-start oscillator frequency at the speed of 6.25mV per cycle.
Electrical Specifications
Operating Conditions: VCC = 5V, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6326B


Similar Part No. - ISL6326B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326BCRZ RENESAS-ISL6326BCRZ Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326BIRZ RENESAS-ISL6326BIRZ Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
More results

Similar Description - ISL6326B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6307A INTERSIL-ISL6307A Datasheet
975Kb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com