|
| JW1ASN-DC5V |
|
||
|
NAIS |
|
5 page
JW 89 ACCESSORIES DIN terminal Socket FEATURES 1. Space saving design 2. Wiring can be done with ease (DIN terminal) For 2 poles N.C. contact raw N.O. contact raw COM contact raw Coil terminal raw For 1 poles N.C. contact raw N.O. contact raw COM contact raw Coil terminal raw TYPES SPECIFICATIONS DIMENSIONS Product name Number of poles Part No. Applicable relay type Standard packing 1 Form A 1 Form C 2 Form A 2 Form C Inner carton Outer case JW1 DIN terminal socket (with hold-down clip) 1 JW1-SFD •• 10 pcs. 100 pcs. JW2 DIN terminal socket (with hold-down clip) 2 JW2-SFD •• JW1 PC board socket 1 JW1-PS •• JW2 PC board socket 2 JW2-PS •• JW1 Plug-in socket 1 JW1-SS •• JW2 Plug-in socket 2 JW2-SS •• Type Item PC board socket/Plug-in socket DIN terminal socket 1 pole 2 poles 1 pole 2 poles Breakdown voltage 1,500 vrms for 1 minute 1,500 Vrms for 1 minute 1,000 Vrms for 1 minute Insulation resistance Min. 100 M Ω Min. 100 M Ω mm inch 1. DIN terminal socket 7.5 ±0.2 .295 ±.008 28.5 ±0.6 1.122 ±.024 3 ±0.3 .118 ±.012 67 ±1 2.638 ±.039 15 ±0.3 .591 ±.012 5 ±0.3 .197 ±.012 5 ±0.3 .197 ±.012 4.3 ±0.3 .169 ±.012 3.5 .138 6.5 .256 3.5 dia. .138 dia. 6.5 dia. .256 dia. 35.4 ±0.5 1.394 ±.020 21 ±0.6 .827 ±.024 20.6 ±0.6 .811 ±.024 2. PC board socket 32 ±0.6 1.260 ±.024 13 ±0.6 .512 ±.024 0.8 ±0.1 .031 ±.004 21.5 ±0.6 .846 ±.024 4 ±0.6 .157 ±.024 6.7 ±0.3 .264 ±.012 Pre-soldering 0.3 ±0.1 .012 ±.004 0.35 ±0.1 .014 ±.004 3. Plug-in socket 37 ±0.6 1.457 ±.024 36.4 ±0.6 1.433 ±.024 13 ±0.6 .512 ±.024 25.4 ±0.6 1.000 ±.024 8.6 ±0.3 .339 ±.012 8 ±0.6 .315 ±.024 2 ±0.3 .079 ±.012 2 ±0.3 .079 ±.012 1.9 ±0.3 .075 ±.012 1 ±0.3 .039 ±.012 Details of terminal portion PC board pattern (Bottom view) 1 Form A 1 Form C 2 Form A 2 Form C Tolerance: ±0.1 ±.004 (4.4) (.173) 16.5 .650 3.5 .138 3.5 .138 7.6 .299 5-1.3 dia. 5-.051 dia. (4) (.157) 5 .197 5 .197 15 .591 7.5 .295 8-1.3 dia. 8-.051 dia. Panel cut-out (Thickness: 1.0 to 2.0 .039 to .079) Tolerance: ±0.1 ±.004 34.9 1.374 11.9 .469 For Cautions for Use, see Relay Technical Information (Page 11 to 39). 12/27/2002 All Rights Reserved, © Copyright Matsushita Electric Works, Ltd. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FTR-P3 | COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS | 1 2 3 4 5 More | Fujitsu Component Limited. |
| JM1AN | COMPACT POWER RELAY FOR INDUCTIVE LOAD | 1 2 3 4 | Nais(Matsushita Electric Works) |
| NCP1601A | Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller | 1 2 3 4 5 More | ON Semiconductor |
| ZGB-01U | EMC Filters for AC Power Supply Cased Compact Size | 1 2 | TDK Electronics |
| CDB4352 | Evaluation Board for CS4352 | 1 2 3 4 5 More | Cirrus Logic |
| CDB5330A | Evaluation Board | 1 2 3 4 5 More | Cirrus Logic |
| PI1950DG-41H | HIGH POWER DROP-IN ISOLATOR | 1 | PREMIER DEVICES, INC. |
| IRL1004SPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| MRF6V2010N | RF Power Field Effect Transistor | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MUR450PF | SWITCHMODE Power Rectifier | 1 2 3 4 5 | ON Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |