Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB5433-Q Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LB5433-Q
Description  Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB5433-Q Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LB5433-Q Datasheet HTML 3Page - OSRAM GmbH LB5433-Q Datasheet HTML 4Page - OSRAM GmbH LB5433-Q Datasheet HTML 5Page - OSRAM GmbH LB5433-Q Datasheet HTML 6Page - OSRAM GmbH LB5433-Q Datasheet HTML 7Page - OSRAM GmbH LB5433-Q Datasheet HTML 8Page - OSRAM GmbH LB5433-Q Datasheet HTML 9Page - OSRAM GmbH LB5433-Q Datasheet HTML 10Page - OSRAM GmbH LB5433-Q Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2001-01-22
10
LB 5433, LV 5433, LT 5433
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight: 0.35 g
0.4 (0.016)
0.6 (0.024)
5.5 (0.217)
5.9 (0.232)
Area not flat
8.2 (0.323)
9.0 (0.354)
7.8 (0.307)
7.5 (0.295)
27.0 (1.063)
29.0 (1.142)
1.2 (0.047)
1.8 (0.071)
Cathode
GEXY6713


Similar Part No. - LB5433-Q

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB543C OSRAM-LB543C Datasheet
253Kb / 15P
   colorless, clear 5 mm package
More results

Similar Description - LB5433-Q

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
logo
Infineon Technologies A...
LS5421 INFINEON-LS5421 Datasheet
75Kb / 9P
   5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com