Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1762 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1762
Description  150mA, Low Noise, LDO Micropower Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1762 Datasheet(HTML) 1 Page - Linear Technology

  LT1762 Datasheet HTML 1Page - Linear Technology LT1762 Datasheet HTML 2Page - Linear Technology LT1762 Datasheet HTML 3Page - Linear Technology LT1762 Datasheet HTML 4Page - Linear Technology LT1762 Datasheet HTML 5Page - Linear Technology LT1762 Datasheet HTML 6Page - Linear Technology LT1762 Datasheet HTML 7Page - Linear Technology LT1762 Datasheet HTML 8Page - Linear Technology LT1762 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1762 Series
150mA, Low Noise, LDO
Micropower Regulators
s
Low Noise: 20
µVRMS (10Hz to 100kHz)
s
Low Quiescent Current: 25
µA
s
Wide Input Voltage Range: 1.8V to 20V
s
Output Current: 150mA
s
Very Low Shutdown Current: < 1
µA
s
Low Dropout Voltage: 300mV
s
No Protection Diodes Needed
s
Fixed Output Voltages: 2.5V, 3V, 3.3V, 5V
s
Adjustable Output from 1.22V to 20V
s
Stable with 2.2
µF Output Capacitor
s
Stable with Aluminum, Tantalum or
Ceramic Capacitors
s
Reverse Battery Protection
s
No Reverse Current
s
Overcurrent and Overtemperature Protected
s
8-Lead MSOP Package
The LT
®1762 series are micropower, low noise, low
dropout regulators. The devices are capable of supplying
150mA of output current with a dropout voltage of 300mV.
Designed for use in battery-powered systems, the low
25
µA quiescent current makes them an ideal choice.
Quiescent current is well controlled; it does not rise in
dropout as it does with many other regulators.
A key feature of the LT1762 regulators is low output noise.
With the addition of an external 0.01
µF bypass capacitor,
output noise drops to 20
µVRMS over a 10Hz to 100kHz
bandwidth. The LT1762 regulators are stable with output
capacitors as low as 2.2
µF. Small ceramic capacitors can
be used without the series resistance required by other
regulators.
Internal protection circuitry includes reverse battery pro-
tection, current limiting, thermal limiting and reverse
current protection. The parts come in fixed output volt-
ages of 2.5V, 3V, 3.3V and 5V, and as an adjustable device
with a 1.22V reference voltage. The LT1762 regulators are
available in the 8-lead MSOP package.
Dropout Voltage
3.3V Low Noise Regulator
s
Cellular Phones
s
Battery-Powered Systems
s
Frequency Synthesizers
s
Noise-Sensitive Instrumentation Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
IN
SHDN
0.01
µF
10
µF
1762 TA01
OUT
SENSE
VIN
3.7V TO
20V
BYP
GND
LT1762-3.3
3.3V AT 150mA
20
µVRMS NOISE
1
µF
+
OUTPUT CURRENT (mA)
0
400
350
300
250
200
150
100
50
0
80
100 120 140
1762 TA02
20
40
60
160
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATION


Similar Part No. - LT1762

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1762 LINER-LT1762 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
LT1762 LINER-LT1762 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1762 LINER-LT1762 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT1762 LINER-LT1762 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT1762

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
Linear Technology
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com