Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKTD04 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # MKTD04
Description  Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKTD04 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  MKTD04 Datasheet HTML 1Page - Sharma Electro Components,Inc MKTD04 Datasheet HTML 2Page - Sharma Electro Components,Inc MKTD04 Datasheet HTML 3Page - Sharma Electro Components,Inc MKTD04 Datasheet HTML 4Page - Sharma Electro Components,Inc MKTD04 Datasheet HTML 5Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
- Very small size, Epoxy coating, Flame retardant to UL94V-0
7.5mm Lead spacing.
- Self-healing metallized polyester dielectric, Non-ind
uctive construction.
- High performance and effic
iencies. Custom values, voltages, and case sizes available upon request.
Application
- Multi-purpose
- Blocking & coupling
- By-passing & Filtering, Timing
Specifications
Capacitance Range
0.001µF to 1.0µF
Operating
temperature
-40 to +85°C (up to 100°C - derate voltage 1.25% per °C )
Rated Vol
tage
50/63, 100, 250, 400, 630, 1000V dc
Cap
acitance Tolerance
±2(G), ±5(J), ±10(K) %
Tangent of Loss
Angle
0.008 or LESS (at 1KHz +25°C)
Insulation Resistanc
e
Voltage Charge : 1 min at +25°C, ±5°C
50 Vdc for Vr<100Vdc, 100Vdc for Vr≥100Vdc
9,000 or more, c≤0.33µf
5000S or more c>0.33µf
Voltage
Test
1.6 x Vr applied for 2sec +25°C, 5°C (Between Terminal)
Endurance
+85°C, ±2°C, 1.25 x Vr, 1000Hr
Cap Change: < ±5%, DF Change : <50x10 at 1khz
Insulation Resistance: <50% of limit value
Damp Heat
+40°C±2°C, 93% ±2%, 21days
Cap Change: < ±5%, DF Change : <50x10 at 1khz
Insulation Resistance: <50% of limit value
Construction
Non-inductive wound metallized polyester film
Epoxy dipped encasement, Flame retardant to UL94V-0
Lead Material Color of Body
Markings
Solder coated or Tinned solid wire
Orange/Brown
Capacitance, Tolerance, Voltage
When space permits, Capacitor Type will be marked
-Special size or items on request.
- Tolerance Dimension ±0.5 mm.
Sharma Film Capacitors
Tel: (949) 642-7324
SECI Engineers & Buyers' Guide
Fax: (949) 642- 7327
MKTD04 SERIES


Similar Part No. - MKTD04

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKTD01 SHARMA-MKTD01 Datasheet
504Kb / 1P
   Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
MKTD06 SHARMA-MKTD06 Datasheet
215Kb / 2P
   Film Capacitors
More results

Similar Description - MKTD04

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com