Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5953A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5953A
Description  IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5953A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5953A Datasheet HTML 1Page - Maxim Integrated Products MAX5953A Datasheet HTML 2Page - Maxim Integrated Products MAX5953A Datasheet HTML 3Page - Maxim Integrated Products MAX5953A Datasheet HTML 4Page - Maxim Integrated Products MAX5953A Datasheet HTML 5Page - Maxim Integrated Products MAX5953A Datasheet HTML 6Page - Maxim Integrated Products MAX5953A Datasheet HTML 7Page - Maxim Integrated Products MAX5953A Datasheet HTML 8Page - Maxim Integrated Products MAX5953A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
IEEE 802.3af PD Interface and PWM Controllers
with Integrated Power MOSFETs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = (V+ - VEE) = 48V, GATE = PGOOD = PGOOD = unconnected, GND = OUT, HVIN = V+, UVLO = VEE, TJ = 0°C to +125°C, unless
otherwise noted. Typical values are at TJ = +25°C. All voltages are referenced to VEE, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to VEE ................................................................-0.3V to +90V
OUT, PGOOD, PGOOD to VEE.....................-0.3V to (V+ + 0.3V)
RCLASS, GATE to VEE ...........................................-0.3V to +12V
UVLO to VEE ............................................................ -0.3V to +8V
PGOOD to OUT ........................................... -0.3V to (V+ + 0.3V)
HVIN, INBIAS, DRNH, XFRMRH,
XFRMRL to GND.................................................-0.3V to +80V
BST to GND ........................................................... -0.3V to +95V
BST to XFRMRH .................................................... -0.3V to +12V
PGND to GND .......................................................-0.3V to +0.3V
DCUVLO, RAMP, CSS, OPTO, FLTINT, RCFF,
RTCT to GND..................................................... -0.3V to +12V
SRC, CS to GND...................................................... -0.3V to +6V
REGOUT, DRVIN to GND .......................................-0.3V to +12V
REGOUT to HVIN .................................................. -80V to +0.3V
REGOUT to INBIAS ............................................... -80V to +0.3V
PPWM to GND....................................-0.3V to (VREGOUT + 0.3V)
Maximum Input/Output Current (Continuous)
OUT to VEE....................................................................500mA
V+, RCLASS to VEE.........................................................70mA
UVLO, PGOOD, PGOOD to VEE .....................................20mA
GATE to VEE....................................................................80mA
REGOUT to GND ............................................................50mA
DRNH, XFRMRH, XFRMRL, SRC to GND (Average),
TJ = +125°C..................................................................0.9A
PPWM to GND ..............................................................±20mA
Continuous Power Dissipation* (TA = +70°C)
48-Pin TQFN 7mm X 7mm
(derate 27.8mW/°C above +70°C) .............................2222mW
θJA ................................................................................36°C/W
Operating Ambient Temperature Range ................0°C to +85°C
Operating Junction Temperature Range ..............0°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWERED DEVICE (PD) INTERFACE
DETECTION MODE
Input Offset Current
IOFFSET
VIN = 1.4V to 10.1V (Note 2)
10
µA
Effective Differential Input
Resistance (Note 3)
dR
VIN = 1.4V, up to 10.1V with 1V step
550
k
CLASSIFICATION MODE
Classification Current Turn-Off
Threshold
VTH,CLASS
VIN rising (Note 4)
20.8
21.8
22.5
V
Class 0, RRCLASS = 10k
02
Class 1, RRCLASS = 732
9.17
11.83
Class 2, RRCLASS = 392
17.29
19.71
Class 3, RRCLASS = 255
26.45
29.55
Classification Current
ICLASS
VIN = 12.6V
to 20V,
RDISC =
25.5k
(Notes 5, 6)
Class 4, RRCLASS = 178
36.6
41.4
mA
POWER MODE
Operating Supply Voltage
VIN
VIN = (V+ - VEE)67
V
Operating Supply Current
IIN
Measure at V+, not including RDISC,
GATE = VEE, HVIN = GND = OUT
0.4
1
mA
MAX5953A/MAX5953C
37.4
38.6
40.2
Default Power Turn-On Voltage
VUVLO, ON
VIN
increasing
MAX5953B/MAX5953D
34.3
35.4
36.9
V
Default Power Turn-Off Voltage
VUVLO,OFF
VIN decreasing, MAX5953A/MAX5953C
30
V
*As per JEDEC 51 standard.


Similar Part No. - MAX5953A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5950ETJ MAXIM-MAX5950ETJ Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5951ETJ MAXIM-MAX5951ETJ Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results

Similar Description - MAX5953A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
STMicroelectronics
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
logo
Linear Technology
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
STMicroelectronics
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com