Electronic Components Datasheet Search |
|
BT138X-800E Datasheet(PDF) 4 Page - NXP Semiconductors |
|
BT138X-800E Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 6 page Philips Semiconductors Product specification Triacs BT138X series Fig.1. Maximum on-state dissipation, P tot, versus rms on-state current, I T(RMS), where α = conduction angle. Fig.2. Maximum permissible non-repetitive peak on-state current I TSM, versus pulse width tp, for sinusoidal currents, t p ≤ 20ms. Fig.3. Maximum permissible non-repetitive peak on-state current I TSM, versus number of cycles, for sinusoidal currents, f = 50 Hz. Fig.4. Maximum permissible rms current I T(RMS) , versus heatsink temperature T hs. Fig.5. Maximum permissible repetitive rms on-state current I T(RMS), versus surge duration, for sinusoidal currents, f = 50 Hz; T hs ≤ 56˚C. Fig.6. Normalised gate trigger voltage V GT(Tj)/ VGT(25˚C), versus junction temperature Tj. 0 5 10 15 0 5 10 15 20 = 180 120 90 60 30 BT138 IT(RMS) / A Ptot / W Ths(max) / C 125 105 85 65 45 1 -50 0 50 100 150 0 5 10 15 BT138X 56 C Ths / C IT(RMS) / A 10us 100us 1ms 10ms 100ms 10 100 1000 BT138 T / s ITSM / A T ITSM time I Tj initial = 25 C max T dI /dt limit T T2- G+ quadrant 0.01 0.1 1 10 0 5 10 15 20 25 BT138 surge duration / s IT(RMS) / A 1 10 100 1000 0 20 40 60 80 100 BT138 Number of cycles at 50Hz ITSM / A T ITSM time I Tj initial = 25 C max T -50 0 50 100 150 0.4 0.6 0.8 1 1.2 1.4 1.6 BT136 Tj / C VGT(Tj) VGT(25 C) September 1997 4 Rev 1.200 |
Similar Part No. - BT138X-800E |
|
Similar Description - BT138X-800E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |