Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK4120IZPV Datasheet(PDF) 5 Page - Texas Instruments

Part # TLK4120IZPV
Description  QUAD 0.5 to 1.3 Gbps TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK4120IZPV Datasheet(HTML) 5 Page - Texas Instruments

  TLK4120IZPV Datasheet HTML 1Page - Texas Instruments TLK4120IZPV Datasheet HTML 2Page - Texas Instruments TLK4120IZPV Datasheet HTML 3Page - Texas Instruments TLK4120IZPV Datasheet HTML 4Page - Texas Instruments TLK4120IZPV Datasheet HTML 5Page - Texas Instruments TLK4120IZPV Datasheet HTML 6Page - Texas Instruments TLK4120IZPV Datasheet HTML 7Page - Texas Instruments TLK4120IZPV Datasheet HTML 8Page - Texas Instruments TLK4120IZPV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLK4120
QUAD 0.5 to 1.3 Gbps TRANSCEIVER
SLLS599C − DECEMBER 2003 − REVISED JULY 2006
5
WWW.TI.COM
start/stop framing logic (continued)
...
Start
Bit
Stop
Bit
TDx0
TDx1
TDx16 TDx17
Start
Bit
Stop
Bit
20-Bit Frame
18-Bit Word
Figure 3. Serial Output Data Stream With Start and Stop Bit
parallel-to-serial
The parallel-to-serial shift register takes in the 20-bit wide frame multiplexed from the framing logic and converts
it to a serial stream. The shift register is clocked on both the rising and falling edges of the internally generated
bit clock, which is 10 times the GTx_CLK input frequency. The LSB (TDx0) is first out after the start bit as shown
in Figure 3.
high-speed data output
The high-speed data output driver consists of a PECL-compatible differential pair that can be optimized for a
particular transmission line impedance and length. The line can be directly coupled or ac coupled. See Figure 10
and Figure 11 for termination details. No external pullup or pulldown resistors are required.
The TLK4120 provides a selectable signal preemphasis option for driving lossy media. When signal
preemphasis is enabled, the first bit of a run length of same-value bits (e.g., 111...) is driven to a larger output
swing, which precompensates for signal inter-symbol interference (ISI) in lossy media, such as copper cables
or printed circuit board traces.
receive interface
The receiver portion of the TLK4120 accepts 20-bit framed differential serial data. The interpolator and clock
recovery circuit locks to the data stream and extracts the bit rate clock. This recovered clock is used to retime
the input data stream. The serial data is then aligned to the 20-bit frame by finding the start and stop bits and
the 18-bit data is output on a 18-bit wide parallel bus synchronized to the extracted receive clock (Rx_CLK).
receive data bus
The receive bus interface drives 18-bit wide single-ended TTL parallel data at the RDx[0:17] terminals. Data
is valid on the rising edge of Rx_CLK. The Rx_CLK is used as the recovered word clock. The data and clock
signals are aligned as shown in Figure 4. Detailed timing information can be found in the TTL output switching
characteristics table.
Rx_CLK
RDx[0:17]
tsu
th
Figure 4. Receive Timing Waveform


Similar Part No. - TLK4120IZPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015IGPV TI-TLK4015IGPV Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015IGPV TI1-TLK4015IGPV Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
TLK4015IZPV TI1-TLK4015IZPV Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
More results

Similar Description - TLK4120IZPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1521IPAP TI1-TLK1521IPAP Datasheet
459Kb / 23P
[Old version datasheet]   500 Mbps to 1.3 Gbps TRANSCEIVER 
TLK1521 TI-TLK1521 Datasheet
321Kb / 19P
[Old version datasheet]   500 Mbps to 1.3 Gbps TRANSCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com