Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1319 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1319
Description  Voltage Supervisor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1319 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1319 Datasheet HTML 7Page - Microchip Technology MCP1319 Datasheet HTML 8Page - Microchip Technology MCP1319 Datasheet HTML 9Page - Microchip Technology MCP1319 Datasheet HTML 10Page - Microchip Technology MCP1319 Datasheet HTML 11Page - Microchip Technology MCP1319 Datasheet HTML 12Page - Microchip Technology MCP1319 Datasheet HTML 13Page - Microchip Technology MCP1319 Datasheet HTML 14Page - Microchip Technology MCP1319 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
© 2005 Microchip Technology Inc.
DS21985A-page 11
MCP131X/2X
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP1316;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-1:
IDD vs. Temperature (Reset
Power-up Timer Inactive and Watchdog Timer
Inactive) (MCP1318M-4.6).
FIGURE 2-2:
IDD vs. Temperature (Reset
Power-up Timer Inactive and Watchdog Timer
Inactive) (MCP1319-2.9).
FIGURE 2-3:
IDD vs. Temperature (Reset
Power-up Timer Inactive and Watchdog Timer
Inactive) (MCP1316-2.0).
FIGURE 2-4:
IDD vs. Temperature (Reset
Power-up Timer Active) (MCP1318M-4.6).
FIGURE 2-5:
IDD vs. Temperature (Reset
Power-up Timer Active) (MCP1319-2.9).
FIGURE 2-6:
IDD vs. Temperature (Reset
Power-up Timer Active) (MCP1316-2.0).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.2
0.4
0.6
0.8
1
1.2
-100
-50
0
50
100
150
Temperature (°C)
1.0V
1.5V
2.0V
3.0V
4.3V
4.5V
4.8V
5.0V
5.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-100
-50
0
50
100
150
Temperature (°C)
1.0V
1.5V
2.5V
2.7V
3.2V
4.0V
4.5V
5.0V
5.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-100
-50
0
50
100
150
Temperature (°C)
1.0V
1.5V
1.8V
2.2V
2.5V
4.0V
4.5V
5.0V
5.5V
0
1
2
3
4
5
6
-100
-50
0
50
100
150
Temperature (°C)
4.8V
5.0V
5.5V
0
1
2
3
4
5
6
-100
-50
0
50
100
150
Temperature (°C)
3.2V
4.0V
4.5V
5.0V
5.5V
0
1
2
3
4
5
6
7
-100
-50
0
50
100
150
Temperature (°C)
2.2V
2.5V
4.0V
4.5V
5.0V
5.5V


Similar Part No. - MCP1319

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1319 MICROCHIP-MCP1319 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
MCP1319 MICROCHIP-MCP1319 Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1319 MICROCHIP-MCP1319 Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1319M MICROCHIP-MCP1319M Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
MCP1319M MICROCHIP-MCP1319M Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
More results

Similar Description - MCP1319

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com