Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAQ2910CB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MAQ2910CB
Description  RADIATION HARD MICROPROGRAM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAQ2910CB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MAQ2910CB Datasheet HTML 7Page - List of Unclassifed Manufacturers MAQ2910CB Datasheet HTML 8Page - List of Unclassifed Manufacturers MAQ2910CB Datasheet HTML 9Page - List of Unclassifed Manufacturers MAQ2910CB Datasheet HTML 10Page - List of Unclassifed Manufacturers MAQ2910CB Datasheet HTML 11Page - List of Unclassifed Manufacturers MAQ2910CB Datasheet HTML 12Page - List of Unclassifed Manufacturers MAQ2910CB Datasheet HTML 13Page - List of Unclassifed Manufacturers MAQ2910CB Datasheet HTML 14Page - List of Unclassifed Manufacturers MAQ2910CB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MA2910
11
DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Current Through Any Pin
-20
+20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Figure 24: Absolute Maximum Ratings
Subgroup
Definition
1
Static characteristics specified in Figure 26 at +25°C
2
Static characteristics specified in Figure 26 at +125°C
3
Static characteristics specified in Figure 26 at -55°C
9
Switching characteristics specified in Figures 27 to 29 at +25°C
10
Switching characteristics specified in Figures 27 to 29 at +125°C
11
Switching characteristics specified in Figures 27 to 29 at -55°C
Figure 25: Definition of Subgroups
Total dose radiation not exceeding
3x105 Rad (Si)
Symbol Parameter
Conditions
Units
Min.
Typ.
Max .
VDD
Supply voltage
-
4 5
5.0
5 5
V
VIH
Input high voltage
-
2.0
-
-
V
VIL
Input low voltage
-
-
-
0 8
V
VOH
Output high voltage
IOH = -2mA
2.4
-
-
V
VOL
Output low voltage
IOL = 5mA
-
-
0.4
V
IIN
Input leakage current (Note 1)
VDD = 5.5V,
-
-
±10
µA
VIN = VSS or VDD
IOZ
Tristate leakage current (Note 1)
VDD = 5.5V,
-
-
±50
µA
VIN = VSS Or VDD
IDD
Power supply current
Static, VDD = 5.5V
-
0.1
10
mA
Mil-Std-883, method 5005, subgroups 1, 2, 3
VDD = 5V ±10%, over full operating temperature range.
Note 1: Worst case at TA = +125°C, guaranteed at TA = -55°C. 300K Rad(Si) values at higher radiation levels are available on
request.
Figure 26: Operating Electrical Characteristics


Similar Part No. - MAQ2910CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAQ2911CB ETC1-MAQ2911CB Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAQ2911CC ETC1-MAQ2911CC Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAQ2911CD ETC1-MAQ2911CD Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAQ2911CE ETC1-MAQ2911CE Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAQ2911CL ETC1-MAQ2911CL Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
More results

Similar Description - MAQ2910CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA2909 ETC1-MA2909 Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A_08 Datasheet
681Kb / 21P
   Microprogram Controller
IA2910A INNOVASIC-IA2910A Datasheet
162Kb / 19P
   Microprogram Controller
logo
List of Unclassifed Man...
C2910A ETC1-C2910A Datasheet
212Kb / 4P
   Microprogram Controller Megafunction
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
   Radiation hard Programmable Communication Interface
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
logo
Infineon Technologies A...
BUY65CS28A-01 INFINEON-BUY65CS28A-01 Datasheet
554Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, September 2020
BUY65CS08J-01 INFINEON-BUY65CS08J-01 Datasheet
551Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, October 2020
BUY06CS23K-01 INFINEON-BUY06CS23K-01 Datasheet
702Kb / 10P
   60V Radiation Hard power MOSFET
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com