Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAR2911NC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MAR2911NC
Description  RADIATION HARD MICROPROGRAM SEQUENCER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAR2911NC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MAR2911NC Datasheet HTML 2Page - List of Unclassifed Manufacturers MAR2911NC Datasheet HTML 3Page - List of Unclassifed Manufacturers MAR2911NC Datasheet HTML 4Page - List of Unclassifed Manufacturers MAR2911NC Datasheet HTML 5Page - List of Unclassifed Manufacturers MAR2911NC Datasheet HTML 6Page - List of Unclassifed Manufacturers MAR2911NC Datasheet HTML 7Page - List of Unclassifed Manufacturers MAR2911NC Datasheet HTML 8Page - List of Unclassifed Manufacturers MAR2911NC Datasheet HTML 9Page - List of Unclassifed Manufacturers MAR2911NC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MA2909/11
6
T0
0
H
X
X
J + 1
-
-
-
-
J + 1
I(J + 1)
I(J)
T1
0
H
X
X
J + 2
-
-
-
-
J + 2
JSR A
I(J + 1)
T2
3
L
H
A
J + 3
-
-
-
-
A
I(A)
JSR A
T3
0
H
X
X
A + 1
J + 3
-
-
-
A + 1
I(A + 1)
I(A)
T4
0
H
X
X
A + 2
J + 3
-
-
-
A + 2
JSR B
I(A + 1)
T5
2
L
L
X
A + 3
J + 3
-
-
-
B
RTS
JRS B
T6
0
H
X
X
B + 1
A + 3
J + 3
-
-
A+ 3
I(A + 3)
RTS
T7
0
H
X
X
A + 4
J + 3
-
-
-
A + 4
RTS
I(A + 3)
T8
2
L
L
X
A + 5
J + 3
-
-
-
J + 3
I(J + 3)
RTS
S1, S0
FE
PUP
D
µPC
STK0
STK1
STK2
STK3
Y
(Y)
µWR
Address
J - 1
J
J + 1
J + 2
J + 3
-
-
-
-
A
A + 1
A + 2
A + 3
A + 4
-
-
-
-
B
-
CONTROL MEMORY
T9
0
H
X
X
J + 4
-
-
-
-
J + 4
I(J + 4)
I(J + 3)
Table 4: Two Nested Subroutines
Microprogram
Sequencer
Instruction
-
-
-
JSR A
-
-
-
-
-
-
-
JSR B
-
RTS
-
-
-
-
RTS
-
Execute
Cycle
T0
T1
T2
T9
T3
T4
T5
T7
T8
T6
Execute Cycle
2909 inputs
(from µWR)
Internal
Registers
2909 Output
ROM Output
Contents of µWR
(instruction
being executed)


Similar Part No. - MAR2911NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAR2910CB ETC1-MAR2910CB Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MAR2910CC ETC1-MAR2910CC Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MAR2910CD ETC1-MAR2910CD Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MAR2910CE ETC1-MAR2910CE Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MAR2910CL ETC1-MAR2910CL Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
More results

Similar Description - MAR2911NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
logo
Advanced Micro Devices
AM2911A AMD-AM2911A Datasheet
1Mb / 28P
   MICROPROGRAM SEQUENCER BLOCK DIAGRAM
AM29112 AMD-AM29112 Datasheet
1Mb / 19P
   A High-Performance 8-Bit Slice Microprogram Sequencer
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A Datasheet
162Kb / 19P
   Microprogram Controller
IA2910A INNOVASIC-IA2910A_08 Datasheet
681Kb / 21P
   Microprogram Controller
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
   Radiation hard Programmable Communication Interface
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
logo
Infineon Technologies A...
BUY65CS28A-01 INFINEON-BUY65CS28A-01 Datasheet
554Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, September 2020
BUY65CS08J-01 INFINEON-BUY65CS08J-01 Datasheet
551Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com