Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W1016-1-201 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # W1016-1-201
Description  Round Rotary Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

W1016-1-201 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  W1016-1-201 Datasheet HTML 1Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Characteristics
Standard Resistance Range
100 to 5 megohms
(see standard resistance table)
Resistance Tolerance
20% or
10%
(tighter tolerance available)
Absolute Minimum Resistance
1% or 10 ohms max.
(whichever is greater)
Contact Resistance Variation
5% or 5 ohms max.
(whichever is greater)
Adjustability
Voltage
0.05%
Resistance
0.15%
Resolution
Infinite
Insulation Resistance
500 vdc
1,000 megohms min.
Dielectric Strength
101.3 kPa 800 vac
8.5 kPa 500 vac
Adjustment Angle
225
nom.
Environmental Characteristics
Power Rating (500 volts max.)
1.5 watt (70
) , 0 watt (125
)
Temperature Range
-55
to +125
Temperature Coefficient
250ppm/
or
100ppm/
Vibration
98 m/s
2
(2%
TR; 2%
VR)
Shock
490 m/s
2
(2%
TR; 2%
VR)
Load Life
1,000 hours 1.5 watt @ 70
(10%
TR; 6% or 6 ohms, Whichever is
greater ,CRV)
Rotational Life
10,000 cycles
(15%
TR; 6% or 6 ohms, Whichever is
greater ,CRV)
Physical Characteristics
Mechanical Angle
260° nom.
Torque
50 mN
m max.
Stop Strength
350 mN
m min.
Features
Single Turn
Cermet
Industrial / Sealed
Wide Resistance Range
WIW1016-1-16
WIW1016-1-32
WIW1016-2-12
WIW1016-3
How to order
WI1016
1
102
Model
Style
Resistance Code
Standard Resistance Table
Resistance
(Ohms)
Resistance
Code
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
250,000
500,000
1,000,000
2,000,000
5,000,000
101
201
501
102
202
502
103
203
253
503
104
204
254
504
105
205
505
Special resistance available
Detail Specification: Q/RY514-2003
WI1016
Round Rotary Potentiometer
Sharma Potentiometers
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327
Style Code


Similar Part No. - W1016-1-201

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
W1010 PULSE-W1010 Datasheet
663Kb / 2P
   Wireless External Antenna for 2.4 GHz Application
logo
Bourns Electronic Solut...
W101000J BOURNS-W101000J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
ITT Industries
W101132C205AQ ITT-W101132C205AQ Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
W101132C205AQ2 ITT-W101132C205AQ2 Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
More results

Similar Description - W1016-1-201

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC12E24H01 PRODUCTWELL-EC12E24H01 Datasheet
105Kb / 1P
   ROTARY POTENTIOMETER
R09A11VA1 PRODUCTWELL-R09A11VA1 Datasheet
124Kb / 2P
   ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01 Datasheet
133Kb / 2P
   ROTARY POTENTIOMETER
R24211AB1 PRODUCTWELL-R24211AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R24311CB2 PRODUCTWELL-R24311CB2 Datasheet
119Kb / 2P
   ROTARY POTENTIOMETER
R16A11VF1 PRODUCTWELL-R16A11VF1 Datasheet
130Kb / 2P
   ROTARY POTENTIOMETER
R16A12HB1 PRODUCTWELL-R16A12HB1 Datasheet
126Kb / 2P
   ROTARY POTENTIOMETER
R1681NVB1 PRODUCTWELL-R1681NVB1 Datasheet
129Kb / 2P
   ROTARY POTENTIOMETER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com