Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WXD3540-201 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # WXD3540-201
Description  Precision Wirewound Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

WXD3540-201 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  WXD3540-201 Datasheet HTML 1Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Characteristics
Standard Resistance Range
100 to 100K ohms
(see standard resistance table)
Resistance Tolerance
±5% std.
Independent Linearity
±0.25%
Effective Electrical Angle
3600º-10ºmin.
Absolute Minimum Resistance
0.2% or 2 ohms max.
(whichever is greater)
Noise
100 ohms ENR max.
Insulation Resistance
500 vdc
1,000 Megohms min.
Dielectric Withstanding Voitage
101.3 kPa 900 vac
Environmental Characteristics
Power Rating (500 volts max.)
2 watt (70℃) , 0 watt (125℃)
Temperature Range
-55℃ to +125℃
Temperature Coefficient
±100ppm/℃
Vibration
98 m/s
2
(1%ΔTR;1%ΔVR)
Shock
490 m/s
2
(1%ΔTR; 1%ΔVR)
Load Life
1,000 hours 2 watt @ 70℃
(2%ΔTR)
Rotational Life (no load)
1,000,000 shaft revolutions
Total Resistance shift
±5% Max
Physical Characteristics
Torque
36 mN·m max.
Stop Strength
300 mN·m min.
Mechanical angle
3600º-10ºmin.
Standard Packaging
10 or 25 pcs. per box
Features
●Multiturn / Wirewound / Industrial
●Metal shaft and bushings
●Bushing mount
●Available with shaft (6mm dia.)
WXD3540
Dimensions
3
1
2
CCW
CW
CW
How to order
WXD3540—101
Model
Resistance Code
Standard Resistance Table
Resistance
(Ohms)
Resistance
Code
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
101
201
501
102
202
502
103
203
503
104
Special resistance available.
Detail Specification: Q/RY531-2004
WXD3540
Precision Wirewound Potentiometer
Sharma Potentiometers
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - WXD3540-201

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
WXD3540 PRODUCTWELL-WXD3540_14 Datasheet
225Kb / 2P
   鸚싨Ь凉뤷쓦?⑴뵪
More results

Similar Description - WXD3540-201

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WXD3590 SHARMA-WXD3590 Datasheet
541Kb / 1P
   Precision Wirewound Potentiometer
logo
Kingtronics Internation...
RKT-3590 KINGTRONICS-RKT-3590 Datasheet
362Kb / 1P
   PRECISION MULTITURN WIREWOUND POTENTIOMETER
logo
Suntan Capacitors
TSR-3590 SUNTAN-TSR-3590_17 Datasheet
296Kb / 1P
   Precision Multiturn Wirewound Potentiometer
TSR-3590 SUNTAN-TSR-3590 Datasheet
297Kb / 1P
   Precision Multiturn Wirewound Potentiometer - 3590
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
BR10KT1L.5XX BITECH-BR10KT1L.5XX Datasheet
88Kb / 3P
   3-5/16 Diameter Multiturn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com