Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT139X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT139X
Description  Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT139X Datasheet(HTML) 2 Page - NXP Semiconductors

  BT139X Datasheet HTML 1Page - NXP Semiconductors BT139X Datasheet HTML 2Page - NXP Semiconductors BT139X Datasheet HTML 3Page - NXP Semiconductors BT139X Datasheet HTML 4Page - NXP Semiconductors BT139X Datasheet HTML 5Page - NXP Semiconductors BT139X Datasheet HTML 6Page - NXP Semiconductors BT139X Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Triacs
BT139X series
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
f = 50-60 Hz; sinusoidal
-
2500
V
three terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from T2 to external f = 1 MHz
-
10
-
pF
heatsink
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance
full or half cycle
junction to heatsink
with heatsink compound
-
-
4.0
K/W
without heatsink compound
-
-
5.5
K/W
R
th j-a
Thermal resistance
in free air
-
55
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BT139X-
...
...F
...G
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
T2+ G+
-
5
35
25
50
mA
T2+ G-
-
8
35
25
50
mA
T2- G-
-
10
35
25
50
mA
T2- G+
-
22
70
70
100
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
7
40
40
60
mA
T2+ G-
-
20
60
60
90
mA
T2- G-
-
8
40
40
60
mA
T2- G+
-
10
60
60
90
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
6
30
30
60
mA
V
T
On-state voltage
I
T = 20 A
-
1.2
1.6
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A;
0.25
0.4
-
V
T
j = 125 ˚C
I
D
Off-state leakage current
V
D = VDRM(max);
-
0.1
0.5
mA
T
j = 125 ˚C
September 1997
2
Rev 1.200


Similar Part No. - BT139X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139X PHILIPS-BT139X Datasheet
49Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BT139X-500E PHILIPS-BT139X-500E Datasheet
49Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BT139X-500E KERSEMI-BT139X-500E Datasheet
936Kb / 5P
   Glass passivated triacs in a full pack
logo
NXP Semiconductors
BT139X-500E PHILIPS-BT139X-500E Datasheet
53Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
Teccor Electronics
BT139X-500G TECCOR-BT139X-500G Datasheet
2Mb / 223P
   Thyristor Product Catalog
More results

Similar Description - BT139X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com