Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7134LA25L48I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7134LA25L48I
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA25L48I Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7134LA25L48I Datasheet HTML 1Page - Integrated Device Technology IDT7134LA25L48I Datasheet HTML 2Page - Integrated Device Technology IDT7134LA25L48I Datasheet HTML 3Page - Integrated Device Technology IDT7134LA25L48I Datasheet HTML 4Page - Integrated Device Technology IDT7134LA25L48I Datasheet HTML 5Page - Integrated Device Technology IDT7134LA25L48I Datasheet HTML 6Page - Integrated Device Technology IDT7134LA25L48I Datasheet HTML 7Page - Integrated Device Technology IDT7134LA25L48I Datasheet HTML 8Page - Integrated Device Technology IDT7134LA25L48I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
IDT7134SA/LA
High-Speed 4K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Capacitance(1) (TA = +25°C, f = 1.0MHz)
Absolute Maximum Ratings(1)
Recommended Operating
Temperature and Supply Voltage(1,2)
Recommended DC Operating
Conditions
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 5V ± 10%)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc + 10% for more than 25%of the cycle time or 10 ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc +10%.
3. VTERM = 5.5V.
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dV references the interpolated capacitance when the input and output signals
switch from 0V to 3V and from 3V to 0V.
NOTES:
1. This is the parameter TA.
2. Industrial temperature: for specific speeds, packages and powers contact your
sales office.
NOTES:
1. VIL (min.) > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
NOTES:
1. At Vcc < 2.0V input leakages are undefined.
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-55 to +125
-65 to +150
o
C
PT(3)
Power
Dissipation
1.5
1.5
W
IOUT
DC Output
Current
50
50
mA
2720 tbl 01
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to +125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2720 tbl 03
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2720 tbl 04
Symbol
Parameter
Conditions(2)
Max. Unit
CIN
Input Capacitance
VIN = 3dV
11
pF
COUT
Output Capacitance
VOUT = 3dV
11
pF
2720 tbl 02
Symbol
Parameter
Test Conditions
7134SA
7134LA
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE
- VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = 6mA
___
0.4
___
0.4
V
IOL = 8mA
___
0.5
___
0.5
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2720 tbl 05


Similar Part No. - IDT7134LA25L48I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134LA25L48 IDT-IDT7134LA25L48 Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7134LA25L48B IDT-IDT7134LA25L48B Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7134LA25L48I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7134SA55J IDT-7134SA55J Datasheet
126Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA IDT-IDT7134SA_18 Datasheet
136Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com