Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAR2911NE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MAR2911NE
Description  RADIATION HARD MICROPROGRAM SEQUENCER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAR2911NE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MAR2911NE Datasheet HTML 4Page - List of Unclassifed Manufacturers MAR2911NE Datasheet HTML 5Page - List of Unclassifed Manufacturers MAR2911NE Datasheet HTML 6Page - List of Unclassifed Manufacturers MAR2911NE Datasheet HTML 7Page - List of Unclassifed Manufacturers MAR2911NE Datasheet HTML 8Page - List of Unclassifed Manufacturers MAR2911NE Datasheet HTML 9Page - List of Unclassifed Manufacturers MAR2911NE Datasheet HTML 10Page - List of Unclassifed Manufacturers MAR2911NE Datasheet HTML 11Page - List of Unclassifed Manufacturers MAR2911NE Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MA2909/11
8
Table 8: Cycle Time and Clock Charcteristics
Time
Minimum clock low time
15
Minimum clock high time
15
Cn + 4
40
35
30
25
40
-
-
45
45
45
Set-up time
10
10
20
20
15
20
20
20
25
Hold Time
10
7
5
10
5
0
0
0
0
From input
RE
RI
PUP
FE
Cn
DI
ORI
S0, S1
ZERO
Notes:
1. CL < 50pF
2. RL
≥ 680Ω
3. RL
≥ 680Ω, measured 0.5V change in output level
Table 9: Maximum Combinational Propogation Delays
Table 10: Guaranteed Set-up and Hold Times (all in ns)
All times in ns across full voltage and temperature range.
MIL-STD-883, method 5005, subgroups 9, 10 and 11.
Figure 2
Y
35
30
20
-
35
25
25
40
40
50
From input
D1
S0, S1
ORI
Cn
ZERO
OE LOW (enable) (Note 2)
OE HIGH (disable) (Note 3)
Clock: S1S0 = LH
Clock: S1S0 = LL
Clock: S1S0 = HL


Similar Part No. - MAR2911NE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAR2910CB ETC1-MAR2910CB Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MAR2910CC ETC1-MAR2910CC Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MAR2910CD ETC1-MAR2910CD Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MAR2910CE ETC1-MAR2910CE Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MAR2910CL ETC1-MAR2910CL Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
More results

Similar Description - MAR2911NE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
logo
Advanced Micro Devices
AM2911A AMD-AM2911A Datasheet
1Mb / 28P
   MICROPROGRAM SEQUENCER BLOCK DIAGRAM
AM29112 AMD-AM29112 Datasheet
1Mb / 19P
   A High-Performance 8-Bit Slice Microprogram Sequencer
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A Datasheet
162Kb / 19P
   Microprogram Controller
IA2910A INNOVASIC-IA2910A_08 Datasheet
681Kb / 21P
   Microprogram Controller
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
   Radiation hard Programmable Communication Interface
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
logo
Infineon Technologies A...
BUY65CS28A-01 INFINEON-BUY65CS28A-01 Datasheet
554Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, September 2020
BUY65CS08J-01 INFINEON-BUY65CS08J-01 Datasheet
551Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com